Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27413PI Datasheet (PDF) - Philex Electronic Ltd.

27413PI Datasheet PDF - Philex Electronic Ltd.
Part # 27413PI
Download  27413PI Download
File Size   1044.87 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description 2U Cable Management Panel

27413PI Datasheet (PDF)

Go To PDF Page Download Datasheet
27413PI Datasheet PDF - Philex Electronic Ltd.

Part # 27413PI
Download  27413PI Click to download

File Size   1044.87 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description 2U Cable Management Panel

27413PI Datasheet (HTML) - Philex Electronic Ltd.


27413PI Product details

Features
• Compatible with 19” server racks
• 422 x 67mm inner channel size
• Durable metal construction




Similar Part No. - 27413PI

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2741341 PHOENIX-2741341 Datasheet
46Kb / 2P
Cinch connecting cable, for addressing FLX ASI M12 devices
More results


Similar Description - 27413PI

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
CM-4852 BUD-CM-4852 Datasheet
35Kb / 1P
CABLE MANAGEMENT PANEL
CM-1225 BUD-CM-1225 Datasheet
32Kb / 1P
CABLE MANAGEMENT PANEL 1U
CM-1227 BUD-CM-1227 Datasheet
51Kb / 1P
CABLE MANAGEMENT PANEL 2U
CM-2201 BUD-CM-2201 Datasheet
54Kb / 1P
CABLE MANAGEMENT PANEL 1U x 19"||" "350922
CDSUW-C Series
logo
Tripp Lite. All Rights ...
N060002 TRIPPLITE-N060002 Datasheet
475Kb / 2P
2U Hinged Wall-Mount Patch Panel Bracket
logo
Rohm
BD81842MUV-M ROHM-BD81842MUV-M Datasheet
1Mb / 35P
Automotive Panel Power Management IC
logo
Virginia Panel Corporat...
310113517 VPC-310113517 Datasheet
58Kb / 1P
i1 Rcvr Mounting Panel 2U, 8 Position
logo
Rohm
BM81810MUF-M ROHM-BM81810MUF-M Datasheet
3Mb / 78P
Automotive Panel Power Management IC
logo
Kendall Howard
1902-1-002-02 KENDALLHOWARD-1902-1-002-02 Datasheet
72Kb / 1P
2U CABLE ROUTING BLANK
1903-1-002-02 KENDALLHOWARD-1903-1-002-02 Datasheet
76Kb / 1P
Panel - 2U cabel lacing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com