Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG2409UDT-PRO Datasheet (PDF) - Infinite Electronics International, Inc.

HG2409UDT-PRO Datasheet PDF - Infinite Electronics International, Inc.
Part # HG2409UDT-PRO
Download  HG2409UDT-PRO Download
File Size   226.26 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2.4 GHz 9 dBi Omni-Directional with 7° Down-Tilt Antenna

HG2409UDT-PRO Datasheet (PDF)

Go To PDF Page Download Datasheet
HG2409UDT-PRO Datasheet PDF - Infinite Electronics International, Inc.

Part # HG2409UDT-PRO
Download  HG2409UDT-PRO Click to download

File Size   226.26 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description 2.4 GHz 9 dBi Omni-Directional with 7° Down-Tilt Antenna

HG2409UDT-PRO Datasheet (HTML) - Infinite Electronics International, Inc.


HG2409UDT-PRO Product details

Applications:  2.4 GHz ISM Band
 ISP Base Stations
 IEEE 802.11b/g Wireless LAN
 Public Wireless Hotspot/WiFi Access Points
 Multipoint and Mesh Applications

Features:  Electrical Down Tilting Pattern for Excellent
Coverage
 Commercial Grade Radiating Elements
 Integral N-Female connector
 Durable UV-stable fiberglass radome
 Includes heavy duty pole mounting brackets




Similar Part No. - HG2409UDT-PRO

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2409UDT-PRO-5PK L-COM-HG2409UDT-PRO-5PK Datasheet
48Kb / 1P
2.4GHz 9dBi OMNI ANTENNA
04/28/11
More results


Similar Description - HG2409UDT-PRO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMB24208F21 ETC2-OMB24208F21 Datasheet
386Kb / 10P
Barracuda - Omni-Directional Outdoor Antenna 2.4 - 2.5 GHz 8dBi
logo
World Produts Inc.
WPANT30057-RA WPI-WPANT30057-RA Datasheet
69Kb / 2P
5.8 GHz Omni-Directional Antenna
WPANT30059-RA WPI-WPANT30059-RA Datasheet
69Kb / 2P
2.4 GHz Wi-Fi Omni-Directional Antenna
WPANT30083-R2A WPI-WPANT30083-R2A Datasheet
69Kb / 2P
2.4 GHz Wi-Fi Omni-Directional Antenna
WPANT30096-R1A WPI-WPANT30096-R1A Datasheet
65Kb / 2P
2.4 GHz Wi-Fi Omni-Directional Antenna
WPANTDP020 WPI-WPANTDP020 Datasheet
277Kb / 2P
WPANTDP020 Antenna is a 2.4 GHz ISM Band Omni Directional Whip Antenna
logo
Level One
OAN-2090 LVL1-OAN-2090 Datasheet
209Kb / 3P
9 dBi Omni Directional Indoor/ Outdoor Antenna Kit
logo
World Produts Inc.
WPANT30026-SE WPI-WPANT30026-SE_15 Datasheet
293Kb / 6P
915 MHz & 2.4 GHz Omni Directional Body Mount Disc Antenna
WPANT30150 WPI-WPANT30150 Datasheet
112Kb / 3P
2.4 GHz Wi-Fi Omni-directional Antenna
logo
Neutrik AG
NXPA-WIFI NEUTRIK-NXPA-WIFI Datasheet
28Kb / 1P
2.4 GHz omni-directional antenna for app connection
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com