Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ARK2425DPD-0 Datasheet (PDF) - Infinite Electronics International, Inc.

ARK2425DPD-0 Datasheet PDF - Infinite Electronics International, Inc.
Part # ARK2425DPD-0
Download  ARK2425DPD-0 Download
File Size   273.15 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 2.4 GHz 25 dBi Dual & X Polarized/Dual Feed Parabolic

ARK2425DPD-0 Datasheet (PDF)

Go To PDF Page Download Datasheet
ARK2425DPD-0 Datasheet PDF - Infinite Electronics International, Inc.

Part # ARK2425DPD-0
Download  ARK2425DPD-0 Click to download

File Size   273.15 Kbytes
Page   3 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 2.4 GHz 25 dBi Dual & X Polarized/Dual Feed Parabolic

ARK2425DPD-0 Datasheet (HTML) - Infinite Electronics International, Inc.


ARK2425DPD-0 Product details

Applications
 2.4 GHz ISM band
 IEEE 802.11b/g/n wireless LAN, WiFi systems
 Long range directional applications
 Point to point and point to multi-point applications
 Wireless bridges and backhaul applications

Features
 Aluminum reflector dish with UV stable light
gray polymer finish
 Adjustable Dual and X Polarity feed horn
system with (2) N-Female connectors
 Perforated dish helps reduce wind loading
 Includes tilt and swivel mast mount kit
 Optional radome cover kit available




Similar Part No. - ARK2425DPD-0

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ARK2425DPD0 L-COM-ARK2425DPD0 Datasheet
273Kb / 3P
HyperLink Wireless 2.4 GHz 25 dBi Dual & X Polarized/Dual Feed Parabolic Dish Antenna - Model: HG2425DPD
More results


Similar Description - ARK2425DPD-0

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPG2162T5N CEL-UPG2162T5N Datasheet
301Kb / 8P
DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2163T5N CEL-UPG2163T5N Datasheet
518Kb / 8P
SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
NEC
UPG2163T5N NEC-UPG2163T5N_1 Datasheet
79Kb / 9P
SPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
UPG2162T5N NEC-UPG2162T5N Datasheet
80Kb / 9P
DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
SiGe Semiconductor, Inc...
SE2566U SIGE-SE2566U Datasheet
86Kb / 2P
2.4 GHz Dual Channel Wireless LAN Power Amplifier Preliminary
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
California Eastern Labs
UPG2162T5N CEL-UPG2162T5N_09 Datasheet
204Kb / 8P
DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
logo
Renesas Technology Corp
PG2162T5N RENESAS-PG2162T5N Datasheet
202Kb / 11P
DPDT SWITCH FOR 2.4 GHz AND 6 GHz DUAL-BAND WIRELESS LAN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com