Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HG1912P-NF Datasheet (PDF) - Infinite Electronics International, Inc.

HG1912P-NF Datasheet PDF - Infinite Electronics International, Inc.
Part # HG1912P-NF
Download  HG1912P-NF Download
File Size   245.1 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 1.9 GHz 12 dBi Flat Patch Antenna

HG1912P-NF Datasheet (PDF)

Go To PDF Page Download Datasheet
HG1912P-NF Datasheet PDF - Infinite Electronics International, Inc.

Part # HG1912P-NF
Download  HG1912P-NF Click to download

File Size   245.1 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description HyperLink Wireless 1.9 GHz 12 dBi Flat Patch Antenna

HG1912P-NF Datasheet (HTML) - Infinite Electronics International, Inc.


HG1912P-NF Product details

Applications
 1.9 GHz band applications
 PCS cellular radio applications

Features
 Durable UV-stable, UL flame rated radome
 Light weight and only 8.5 inches square
 Low loss solid brass elements
 Can be installed for either vertical or horizontal
polarization
 Optional mounting kits available




Similar Part No. - HG1912P-NF

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG1912P L-COM-HG1912P Datasheet
245Kb / 2P
HyperLink Wireless 1.9 GHz 12 dBi Flat Patch Antenna
More results


Similar Description - HG1912P-NF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
ANP-C-115 MACOM-ANP-C-115 Datasheet
105Kb / 2P
1.9 GHz Patch Antenna for PCN
logo
Honeywell Solid State E...
WAN09RSP HONEYWELL-WAN09RSP Datasheet
846Kb / 1P
3.0 dBi ANTENNA
WAN10RSP HONEYWELL-WAN10RSP Datasheet
824Kb / 1P
5.0 dBi ANTENNA
logo
List of Unclassifed Man...
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Laird Tech Smart Techno...
R2T9-12 LSTD-R2T9-12 Datasheet
1Mb / 2P
Low Profile 12 dBi antenna gain
logo
Pulse A Technitrol Comp...
W3029 PULSE-W3029 Datasheet
1Mb / 3P
1.9 GHz RX Diversity Ceramic Antenna
logo
Neutrik AG
NXPA-2-360 NEUTRIK-NXPA-2-360 Datasheet
35Kb / 1P
5 GHz antenna 2 dBi 360째H 360째V
NXPA-18-18-18 NEUTRIK-NXPA-18-18-18 Datasheet
25Kb / 1P
5 GHz antenna 18 dBi 18째H 18째V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com