Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO20722MP8 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO20722MP8 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO20722MP8
Download  DIO20722MP8 Download
File Size   3005.23 Kbytes
Page   18 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Single/Dual/Quad Channel, RRIO 10 MHz Amplifier

DIO20722MP8 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO20722MP8 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO20722MP8
Download  DIO20722MP8 Click to download

File Size   3005.23 Kbytes
Page   18 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Single/Dual/Quad Channel, RRIO 10 MHz Amplifier

DIO20722MP8 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO20722MP8 Product details

Features
 Rail-to-rail input and output
 0.5 mV typical offset (VOS)
 Low distortion
 Gain bandwidth product: 10 MHz
 Wide supply range: 2.5 V to 5.5 V
 620 μA/Amplifier typical supply current
 Slew rate: 6.5 V/μs
 DIO20721 available in SC70-5, SOT23-5
DIO20722 available in SOIC-8, MSOP-8,
DFN2*2-8,TSSOP-8 and TSOT23-8
DIO20724 available in SOP-14, TSSOP-14 and
QFN2*2-14
Applications
 Portable equipment
 Active filters
 Data acquisition
 Portable equipment
 Test equipment
 Broadband communication
 Process control
 Audio and video processing
Descriptions
The DIO2072x is a single/dual/quad channel,
rail-to-rail I/O operational amplifier which allows
low load impedance to be driven. With a 10 MHz
unity-gain frequency and low noise, low distortion
and high output current capability, the DIO2072x
provides excellent choice for high quality
systems. The input common-mode voltage range
includes ground, and the typical input offset
voltage is 0.5 mV. They are also capable of
comfortably driving large capacitive loads.
The DIO2072x is offered in Green or RoHS
package and ESD (HBM) exceeds 2 kV. It is
specified over the extended -40 to 125°C.




Similar Part No. - DIO20722MP8

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO20221SC5 DIOO-DIO20221SC5 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20221ST5 DIOO-DIO20221ST5 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20222MP8 DIOO-DIO20222MP8 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20222SO8 DIOO-DIO20222SO8 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
DIO20224CS14 DIOO-DIO20224CS14 Datasheet
2Mb / 14P
CMOS Amplifier
Rev 1.3
More results


Similar Description - DIO20722MP8

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28113 INTERSIL-ISL28113 Datasheet
1Mb / 21P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
December 22, 2009
ISL28114 INTERSIL-ISL28114 Datasheet
1Mb / 21P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
December 22, 2009
ISL28113 INTERSIL-ISL28113_10 Datasheet
1Mb / 21P
Single, Dual, Quad General Purpose Micropower,RRIO Operational Amplifier
March 25, 2010
ISL28113 INTERSIL-ISL28113_11 Datasheet
1Mb / 22P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
June 9, 2011
ISL28114 INTERSIL-ISL28114_11 Datasheet
1Mb / 22P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
June 23, 2011
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
logo
Texas Instruments
LMV931-N TI1-LMV931-N Datasheet
1Mb / 40P
Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
TLV9061 TI1-TLV9061 Datasheet
345Kb / 22P
10-MHz, RRIO, CMOS Operational Amplifier for Cost-Sensitive Systems
logo
Renesas Technology Corp
ISL28114 RENESAS-ISL28114 Datasheet
1Mb / 23P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifiers
ISL28113 RENESAS-ISL28113 Datasheet
1Mb / 23P
Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com