Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA4M1 Datasheet (PDF) - Renesas Technology Corp

RA4M1 Datasheet PDF - Renesas Technology Corp
Part # RA4M1
Download  RA4M1 Download
File Size   1643.74 Kbytes
Page   131 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RA4M1 Group

RA4M1 Datasheet (PDF)

Go To PDF Page Download Datasheet
RA4M1 Datasheet PDF - Renesas Technology Corp

Part # RA4M1
Download  RA4M1 Click to download

File Size   1643.74 Kbytes
Page   131 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RA4M1 Group

RA4M1 Datasheet (HTML) - Renesas Technology Corp


RA4M1 Product details

■ Arm Cortex-M4 Core with Floating Point Unit (FPU)
 Armv7E-M architecture with DSP instruction set
 Maximum operating frequency: 48 MHz
 Support for 4-GB address space
 Arm Memory Protection Unit (Arm MPU) with 8 regions
 Debug and Trace: ITM, DWT, FPB, TPIU, ETB
 CoreSight™ Debug Port: JTAG-DP and SW-DP
■ Memory
 256-KB code flash memory
 8-KB data flash memory (100,000 program/erase (P/E) cycles)
 32-KB SRAM
 Flash Cache (FCACHE)
 Memory Protection Unit (MPU)
 128-bit unique ID
■ Connectivity
 USB 2.0 Full-Speed Module (USBFS)
- On-chip transceiver with voltage regulator
- Compliant with USB Battery Charging Specification 1.2
 Serial Communications Interface (SCI) × 4
- UART
- Simple IIC
- Simple SPI
 Serial Peripheral Interface (SPI) × 2
 I2C bus interface (IIC) × 2
 Controller Area Network (CAN) module
 Serial Sound Interface Enhanced (SSIE)
■ Analog
 14-bit A/D Converter (ADC14)
 12-bit D/A Converter (DAC12)
 8-bit D/A Converter (DAC8) ×2 (for ACMPLP)
 Low-Power Analog Comparator (ACMPLP) × 2
 Operational Amplifier (OPAMP) × 4
 Temperature Sensor (TSN)




Similar Part No. - RA4M1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RA4M1 RENESAS-RA4M1 Datasheet
1Mb / 130P
High efficiency 48-MHz Arm Cortex-M4 core, 256-KB code flash memory
More results


Similar Description - RA4M1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30218 MITSUBISHI-M30218 Datasheet
4Mb / 467P
M30218 Group
M30240 MITSUBISHI-M30240 Datasheet
901Kb / 142P
M30240 Group Specification
logo
Renesas Technology Corp
R5F2L357MNFP RENESAS-R5F2L357MNFP Datasheet
877Kb / 75P
R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group RENESAS MCU
R5F21344PJFP RENESAS-R5F21344PJFP Datasheet
542Kb / 56P
R8C/34P Group, R8C/34R Group RENESAS MCU
logo
Semtech Corporation
ACS9520PB SEMTECH-ACS9520PB Datasheet
303Kb / 4P
ADVANCED COMMS PRODUCT GROUP
logo
Renesas Technology Corp
R5F21206JFPU1 RENESAS-R5F21206JFPU1 Datasheet
432Kb / 47P
R8C/20 Group, R8C/21 Group RENESAS MCU
R5F21336TNFPV2 RENESAS-R5F21336TNFPV2 Datasheet
445Kb / 50P
R8C/33T Group
logo
Semtech Corporation
ACS9522T SEMTECH-ACS9522T Datasheet
176Kb / 4P
ADVANCED COMMS PRODUCT GROUP
logo
Shoulder Electronics Li...
HDF4803TO39 SHOULDER-HDF4803TO39 Datasheet
109Kb / 5P
Constant group delay
logo
Sharp Corporation
LM16X212 SHARP-LM16X212 Datasheet
178Kb / 5P
LIQUID CRYSTAL DISPLAY GROUP
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com