Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6295 Datasheet (PDF) - Inchange Semiconductor Company Limited

2N6295 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2N6295
Download  2N6295 Download
File Size   410.77 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Darlington Power Transistor

2N6295 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6295 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2N6295
Download  2N6295 Click to download

File Size   410.77 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon NPN Darlington Power Transistor

2N6295 Datasheet (HTML) - Inchange Semiconductor Company Limited


2N6295 Product details

DESCRIPTION
· Collector-Emitter Breakdown Voltage
-V(BR)CEO= 80V(Min)
· Collector-Emitter Saturation Voltage
-VCE(sat):3.0V(Max) @IC= 4.0A
APPLICATIONS
· Designed for high gain amplifier and medium speed
switching applications




Similar Part No. - 2N6295

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N6295 SEME-LAB-2N6295 Datasheet
15Kb / 2P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
2N6295 CENTRAL-2N6295 Datasheet
66Kb / 1P
COMPLEMENTARY SILICON DARLINGTONl
2N6295 CENTRAL-2N6295 Datasheet
51Kb / 1P
Power Transistors
logo
Savantic, Inc.
2N6295 SAVANTIC-2N6295 Datasheet
211Kb / 4P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2N6295 JMNIC-2N6295 Datasheet
127Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - 2N6295

ManufacturerPart #DatasheetDescription
logo
NEC
2SD1630 NEC-2SD1630 Datasheet
125Kb / 2P
NPN SILICON DARLINGTON POWER TRANSISTOR
logo
Microsemi Corporation
JANTX2N6284 MICROSEMI-JANTX2N6284 Datasheet
64Kb / 2P
NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Micro Commercial Compon...
2N6045 MCC-2N6045 Datasheet
470Kb / 2P
NPN Silicon Power Darlington Transistor
TIP110 MCC-TIP110_11 Datasheet
234Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Central Semiconductor C...
BD675 CENTRAL-BD675 Datasheet
337Kb / 2P
NPN SILICON POWER DARLINGTON TRANSISTOR
logo
New Jersey Semi-Conduct...
TIP152 NJSEMI-TIP152 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
MJH11018 NJSEMI-MJH11018 Datasheet
84Kb / 2P
Silicon NPN Darlington Power Transistor
TIP142T NJSEMI-TIP142T Datasheet
80Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Inchange Semiconductor ...
2SD1072 ISC-2SD1072 Datasheet
259Kb / 2P
Silicon NPN Darlington Power Transistor
2SD1124 ISC-2SD1124 Datasheet
260Kb / 2P
Silicon NPN Darlington Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com