Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC4311R Datasheet (PDF) - Texas Instruments

AMC4311R Datasheet PDF - Texas Instruments
Part # AMC4311R
Download  AMC4311R Download
File Size   646.13 Kbytes
Page   8 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC4311R Precision, 2V Input, Reinforced Isolated Amplifier with Single-Ended, Ratiometric output and Integrated DC/DC

AMC4311R Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC4311R Datasheet PDF - Texas Instruments

Part # AMC4311R
Download  AMC4311R Click to download

File Size   646.13 Kbytes
Page   8 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC4311R Precision, 2V Input, Reinforced Isolated Amplifier with Single-Ended, Ratiometric output and Integrated DC/DC

AMC4311R Datasheet (HTML) - Texas Instruments


AMC4311R Product details

1 Features
• Single-supply operation (3.3V or 5V) with integrated DC/DC converter
• DC/DC external load current: 8mA (maximum)
• High input impedance: 1.3GΩ (typical)
• Linear input voltage range: 50mV to 2.0V
• Single-ended output, ratiometric to VREFIN
– Reference Input: 2.7V to 5.5V
• Low DC errors:
– Offset error: ±1.5mV (maximum)
– Offset drift: ±30μV/°C (maximum)
– Gain error: ±0.25% (maximum)
– Gain drift: ±40ppm/°C (maximum)
– Nonlinearity: ±0.08% (maximum)
• High CMTI: 150V/ns (minimum)
• Low EMI: Meets CISPR-11 and CISPR-25 standards
• System-level diagnostic features
• Isolation ratings:Reinforced isolation
• Safety-related certifications:
– DIN EN IEC 60747-17 (VDE 0884-17)
– UL1577
• Fully specified over the industrial temperature range: –40°C to +125°C




Similar Part No. - AMC4311R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC4311D TI2-AMC4311D Datasheet
652Kb / 8P
AMC4311D Precision, 2V Input, Reinforced Isolated Amplifier with Differential Output and Integrated DC/DC Converter
MAY 2026
More results


Similar Description - AMC4311R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC3301 TI1-AMC3301 Datasheet
592Kb / 23P
AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI1-AMC3330-Q1 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3301-Q1 TI-AMC3301-Q1 Datasheet
1Mb / 37P
AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330-Q1 TI-AMC3330-Q1_V01 Datasheet
641Kb / 26P
AMC3330-Q1 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3330 TI-AMC3330 Datasheet
1Mb / 36P
AMC3330 Precision, 짹1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302 TI-AMC3302_V01 Datasheet
956Kb / 25P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302-Q1 TI-AMC3302-Q1 Datasheet
2Mb / 37P
AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3311-Q1 TI-AMC3311-Q1 Datasheet
1Mb / 27P
AMC3311-Q1 Automotive, Precision, ±1-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
JUNE 2023
AMC3311-Q1 TI-AMC3311-Q1_V01 Datasheet
1Mb / 36P
AMC3311-Q1 Automotive, Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED AUGUST 2023
AMC3311 TI-AMC3311 Datasheet
1Mb / 36P
AMC3311 Precision, 2-V Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
REVISED AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com