Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ294707 Datasheet (PDF) - Texas Instruments

BQ294707 Datasheet PDF - Texas Instruments
Part # BQ294707
Download  BQ294707 Download
File Size   1828.63 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries With External Delay Capacitor

BQ294707 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ294707 Datasheet PDF - Texas Instruments

Part # BQ294707
Download  BQ294707 Click to download

File Size   1828.63 Kbytes
Page   30 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries With External Delay Capacitor

BQ294707 Datasheet (HTML) - Texas Instruments


BQ294707 Product details

1 Features
• 2-, 3-, and 4-series cell overvoltage protection
• External capacitor-programmed delay timer
• Factory programmed OVP threshold (threshold range 3.85V to 4.6V)
• Output options: active high or open drain active low
• High-accuracy overvoltage protection: ±10mV
• Low power consumption ICC ≈ 1μA (VCELL(ALL) < VPROTECT)
• Low leakage current per cell input < 100nA
• Small package footprint
– 8-pin WSON (2.00mm × 2.00mm)




Similar Part No. - BQ294707

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
bq294707 TI1-bq294707 Datasheet
871Kb / 27P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294707 TI-BQ294707 Datasheet
2Mb / 28P
BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294707 TI2-BQ294707 Datasheet
1Mb / 29P
BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
REVISED MAY 2021
More results


Similar Description - BQ294707

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294700 TI-BQ294700 Datasheet
931Kb / 19P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI-BQ771600 Datasheet
717Kb / 17P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771800 TI-BQ771800 Datasheet
748Kb / 16P
Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_17 Datasheet
871Kb / 27P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI-BQ2947 Datasheet
2Mb / 28P
BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com