Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1108WL Datasheet (PDF) - ams-OSRAM AG

AS1108WL Datasheet PDF - ams-OSRAM AG
Part # AS1108WL
Download  AS1108WL Download
File Size   1473.34 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 4-Digi t LED Display Dr iver

AS1108WL Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1108WL Datasheet PDF - ams-OSRAM AG

Part # AS1108WL
Download  AS1108WL Click to download

File Size   1473.34 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 4-Digi t LED Display Dr iver

AS1108WL Datasheet (HTML) - ams-OSRAM AG


AS1108WL Product details

1 General Description
The AS1108 is a compact display driver for 7-segment
numeric displays of up to 4 digits. The device can be
programmed via SPI, QSPI, and Microwire as well as a
conventional 4-wire serial interface.
The device includes an integrated BCD code-B/HEX
decoder, multiplex scan circuitry, segment and display
drivers, and a 32-bit memory. Internal memory stores
the LED settings, eliminating the need for continuous
device reprogramming.
Every segment can be individually addressed and
updated separately. Only one external resistor (RSET) is
required to set the current through the LED display. LED
brightness can be controlled by analog or digital means.
The device can be programmed to use the internal
code-B/HEX decoder to display numeric digits or to
directly address each segment.
The AS1108 features an extremely low shutdown current
of typically 3μA, and an operational current of less
than 500μA. The number of digits can be programmed,
the device can be reset by software, and an external
clock is also supported. Additionally, segment blinking
can be synchronized across multiple drivers.
The AS1108 provides several test modes for easy application
debugging.
The device is available in a SOIC 20-pin package.
2 Key Features
 10MHz SPI-, QSPI-, Microwire-Compatible
Serial I/O
 Individual LED Segment Control
 Segment Blinking Control (can be synchronized
across multiple drivers)
 Hexadecimal- or BCD-Code/No-Decode
Digit Selection
 3μA Low-Power Shutdown Current (typ;
data retained)
 Extremely Low Operating Current 0.5mA in
Open-Loop
 Digital and Analog Brightness Control
 Display Blanked on Power-Up
 Drive Common-Cathode LED Displays
 Supply Voltage Range: +2.7 to +5.5V
 Software Reset
 Optional External Clock
 SOIC 20-pin package
3 Applications
The AS1108 is ideal for bar-graph displays, instrumentpanel
meters, LED matrix displays, dot matrix displays,
set-top boxes, white goods, professional audio equipment,
medical equipment, industrial controllers and
panel meters.




Similar Part No. - AS1108WL

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1108WL AMSCO-AS1108WL Datasheet
601Kb / 19P
4-Digit LED Display Driver
AS1108WL AMSCO-AS1108WL Datasheet
592Kb / 19P
4-Digit LED Display Driver
AS1108WL AMSCO-AS1108WL Datasheet
1Mb / 21P
4-Digi t LED Display Dr iver
AS1108WL-T AMSCO-AS1108WL-T Datasheet
601Kb / 19P
4-Digit LED Display Driver
AS1108WL-T AMSCO-AS1108WL-T Datasheet
592Kb / 19P
4-Digit LED Display Driver
More results


Similar Description - AS1108WL

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3661 AMSCO-AS3661 Datasheet
3Mb / 87P
Programmable 9-channel LED Dr iver
AS1108 AMSCO-AS1108_12 Datasheet
1Mb / 21P
4-Digi t LED Display Dr iver
AS1115 AMSCO-AS1115_12 Datasheet
3Mb / 26P
64 LEDs, IC Inter faced LED Dr iver wi th Keyscan
AS1116 AMSCO-AS1116_12 Datasheet
2Mb / 24P
64 LED Dr iver wi th Detai led Er ror Detect ion
AS1123 AMSCO-AS1123 Datasheet
2Mb / 25P
Constant -Cur rent , 16 -Channe l LED Dr iver wi th Diagnost ics
logo
TEXAS ADVANCED OPTOELEC...
AS1100 TAOS-AS1100 Datasheet
1Mb / 17P
Serially Inter faced, 8-Digi t LED Dr iver
AS1108 TAOS-AS1108 Datasheet
1Mb / 21P
4-Digi t LED Display Dr iver
AS1115 TAOS-AS1115 Datasheet
3Mb / 26P
64 LEDs, I 짼C Inter faced LED Dr iver wi th Keyscan
AS1116 TAOS-AS1116 Datasheet
2Mb / 24P
64 LED Dr iver wi th Detai led Er ror Detect ion
logo
Inventronics Inc.
EUM-320SXXXLX INVENTRONICS-EUM-320SXXXLX Datasheet
2Mb / 19P
320W NFC Dr iver with INV Digital Dimming
Rev.D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com