Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1107WL-T Datasheet (PDF) - ams-OSRAM AG

AS1107WL-T Datasheet PDF - ams-OSRAM AG
Part # AS1107WL-T
Download  AS1107WL-T Download
File Size   1508.4 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 8-Digi t LED Display Dr ivers

AS1107WL-T Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1107WL-T Datasheet PDF - ams-OSRAM AG

Part # AS1107WL-T
Download  AS1107WL-T Click to download

File Size   1508.4 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 8-Digi t LED Display Dr ivers

AS1107WL-T Datasheet (HTML) - ams-OSRAM AG


AS1107WL-T Product details

1 General Description
The AS1106 and the AS1107 are compact display drivers for 7-
segment numeric displays of up to 8 digits. The devices can be
programmed via SPI, QSPI, and Microwire as well as a conventional
4-wire serial interface.
The devices include an integrated BCD code-B/HEX decoder,
multiplex scan circuitry, segment and display drivers, and a 64-bit
memory. Internal memory stores the LED settings, eliminating the
need for continuous device reprogramming.
Every segment can be individually addressed and updated
separately. Only one external resistor (RSET) is required to set the
current through the LED display. LED brightness can be controlled
by analog or digital means. The devices can be programmed to use
the internal code-B/HEX decoder to display numeric digits or to
directly address each segment.
The AS1106 and the AS1107 feature an extremely low shutdown
current of typically 39A, and an operational current of less than
5009A. The number of digits can be programmed, the devices can
be reset by software, and an external clock is also supported.
Additionally, segment blinking can be synchronized across multiple
drivers.
Several test modes are available for easy application debugging.
The devices are available in a SOIC 24-pin package.
2 Key Features
 10MHz SPI-, QSPI-, Microwire-Compatible Serial I/O
 Individual LED Segment Control
 Segment Blinking Control (can be synchronized across multiple
drivers)
 Hexadecimal- or BCD-Code/No-Decode Digit Selection
 39A Low-Power Shutdown Current (typ; data retained)
 Extremely Low Operating Current 0.5mA in Open-Loop
 Digital and Analog Brightness Control
 Display Blanked on Power-Up
 Drive Common-Cathode LED Displays
 Low-EMI Low Slew-Rate Limited Segment
Drivers (AS1107)
 Supply Voltage Range: 2.7 to 5.5V
 Software Reset
 Optional External Clock
 SOIC 24-pin Package
3 Applications
The AS1106 and AS1107 are ideal for bar-graph displays,
instrument-panel meters, LED matrix displays, dot matrix displays,
set-top boxes, white goods, professional audio equipment, medical
equipment, industrial controllers and panel meters.




Similar Part No. - AS1107WL-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1107WL-T AMSCO-AS1107WL-T Datasheet
698Kb / 20P
8-Digit LED Display Drivers
AS1107WL-T AMSCO-AS1107WL-T Datasheet
656Kb / 20P
8-Digit LED Display Drivers
AS1107WL-T AMSCO-AS1107WL-T Datasheet
1Mb / 22P
8-Digit LED Display Drivers
More results


Similar Description - AS1107WL-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1108 AMSCO-AS1108_12 Datasheet
1Mb / 21P
4-Digi t LED Display Dr iver
logo
PARA LIGHT ELECTRONICS ...
T8F10W-CWE0-F PARALIGHT-T8F10W-CWE0-F Datasheet
990Kb / 6P
LED T-8 LIGHT TUBE
T8F10W-WWE0-FT PARALIGHT-T8F10W-WWE0-FT Datasheet
987Kb / 6P
LED T-8 Light Tube
T8F18W-CWE0-F PARALIGHT-T8F18W-CWE0-F Datasheet
985Kb / 6P
LED T-8 LIGHT TUBE
T8F18W-CWO2-US PARALIGHT-T8F18W-CWO2-US Datasheet
164Kb / 7P
LED T-8 Light Tube
T8F18W-NWO1-U PARALIGHT-T8F18W-NWO1-U Datasheet
128Kb / 7P
LED T-8 Light Tube
T8F20W-CWE0-FW PARALIGHT-T8F20W-CWE0-FW Datasheet
256Kb / 6P
LED T-8 LIGHT TUBE
logo
TEXAS ADVANCED OPTOELEC...
AS1100 TAOS-AS1100 Datasheet
1Mb / 17P
Serially Inter faced, 8-Digi t LED Dr iver
AS1108 TAOS-AS1108 Datasheet
1Mb / 21P
4-Digi t LED Display Dr iver
logo
List of Unclassifed Man...
PLED60W-012 ETC2-PLED60W-012 Datasheet
770Kb / 4P
Flicker-Free LED Dr
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com