Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1115 Datasheet (PDF) - ams-OSRAM AG

AS1115 Datasheet PDF - ams-OSRAM AG
Part # AS1115
Download  AS1115 Download
File Size   1846.17 Kbytes
Page   27 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 64 LEDs, I ²C Inter faced LED Dr iver wi th Keyscan

AS1115 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1115 Datasheet PDF - ams-OSRAM AG

Part # AS1115
Download  AS1115 Click to download

File Size   1846.17 Kbytes
Page   27 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 64 LEDs, I ²C Inter faced LED Dr iver wi th Keyscan

AS1115 Datasheet (HTML) - ams-OSRAM AG


AS1115 Product details

1 General Description
The AS1115 is a compact LED driver for 64 single LEDs or 8 digits of
7-segments. The devices can be programmed via an I²C compatible
2-wire interface.
Every segment can be individually addressed and updated separately.
Only one external resistor (RSET) is required to set the current.
LED brightness can be controlled by analog or digital means.
The devices include an integrated BCD code-B/HEX decoder, multiplex
scan circuitry, segment and display drivers, and a 64-bit memory.
Internal memory stores the shift register settings, eliminating the
need for continuous device reprogramming.
All outputs of the AS1115 can be configured for key readback. Keyswitch
status is obtained by polling for up to 64 keys while 16 keys
can be used to trigger an interrupt.
Additionally the AS1115 offers a diagnostic mode for easy and fast
production testing.
The AS1115 features a low shutdown current of typically 200nA, and
an operational current of typically 3508A. The number of digits can
be programmed, the devices can be reset by software, and an external
clock is also supported.
The device is available in a QSOP-24 and the TQFN(4x4)-24 package.
2 Key Features
 up to 1MHz I²C-Compatible Interface
 Individual LED Segment Control
 Readback for 16 Keys plus Interrupt
 Open and Shorted LED Error Detection
- Global or Individual Error Detection
 Hexadecimal- or BCD-Code for 7-Segment Displays
 200nA Low-Power Shutdown Current (typ; data retained)
 Digital and Analog Brightness Control
 Display Blanked on Power-Up
 Drive Common-Cathode LED Displays
 Supply Voltage Range: 2.7 to 5.5V
 Software Reset
 Optional External Clock
 Package:
- QSOP-24
- TQFN(4x4)-24
3 Applications
The AS1115 is ideal for seven-segment or dot matrix user interface
displays of set-top boxes, VCRs, DVD-players, washing machines,
micro wave ovens, refrigerators and other white good or personal
electronic applications.




Similar Part No. - AS1115

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1115 AMSCO-AS1115 Datasheet
1Mb / 24P
64 LEDs, I짼C Interfaced LED Driver with Keyscan
AS1115 AMSCO-AS1115 Datasheet
3Mb / 26P
64 LEDs, IC Inter faced LED Dr iver wi th Keyscan
logo
TEXAS ADVANCED OPTOELEC...
AS1115 TAOS-AS1115 Datasheet
3Mb / 26P
64 LEDs, I 짼C Inter faced LED Dr iver wi th Keyscan
logo
ams AG
AS1115-BQFT AMSCO-AS1115-BQFT Datasheet
1Mb / 24P
64 LEDs, I짼C Interfaced LED Driver with Keyscan
AS1115-BQFT AMSCO-AS1115-BQFT Datasheet
3Mb / 26P
64 LEDs, IC Inter faced LED Dr iver wi th Keyscan
More results


Similar Description - AS1115

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1720 AMSCO-AS1720 Datasheet
603Kb / 12P
Solenoid / Valve Dr iver wi th Cur rent Limi tat ion
AS1112 AMSCO-AS1112_12 Datasheet
1Mb / 20P
16-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
AS1115 AMSCO-AS1115_12 Datasheet
3Mb / 26P
64 LEDs, IC Inter faced LED Dr iver wi th Keyscan
AS1116 AMSCO-AS1116_12 Datasheet
2Mb / 24P
64 LED Dr iver wi th Detai led Er ror Detect ion
AS1118 AMSCO-AS1118 Datasheet
1Mb / 21P
64 LED Dr iver for Mobi le Appl ications wi th Er ror Detect ion
AS1123 AMSCO-AS1123 Datasheet
2Mb / 25P
Constant -Cur rent , 16 -Channe l LED Dr iver wi th Diagnost ics
AS1130 AMSCO-AS1130 Datasheet
5Mb / 39P
132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
logo
TEXAS ADVANCED OPTOELEC...
AS1100 TAOS-AS1100 Datasheet
1Mb / 17P
Serially Inter faced, 8-Digi t LED Dr iver
AS1115 TAOS-AS1115 Datasheet
3Mb / 26P
64 LEDs, I 짼C Inter faced LED Dr iver wi th Keyscan
AS1116 TAOS-AS1116 Datasheet
2Mb / 24P
64 LED Dr iver wi th Detai led Er ror Detect ion
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com