Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C10 Datasheet (PDF) - ams-OSRAM AG

C10 Datasheet PDF - ams-OSRAM AG
Part # C10
Download  C10 Download
File Size   1585.82 Kbytes
Page   72 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Flexible Lighting Management Unit

C10 Datasheet (PDF)

Go To PDF Page Download Datasheet
C10 Datasheet PDF - ams-OSRAM AG

Part # C10
Download  C10 Click to download

File Size   1585.82 Kbytes
Page   72 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Flexible Lighting Management Unit

C10 Datasheet (HTML) - ams-OSRAM AG


C10 Product details

1 General Description
The AS3688 is a highly-integrated CMOS Power
and Lighting Management Unit to supply power to
LCD-and cameramodules in mobile telephones, and
other 1-cell Li+ or 3-cell NiMH powered devices.
The AS3688 incorporates one low-power, lowdropout
regulator (LDO), one Step Up DC/DC
Converter for white backlight LEDs, one high-power
Charge Pump for camera flash LEDs, one Analogto-
Digital Converter, support for up to 11 current
sinks, a two wire serial interface, and control logic
all onto a single device. Fully programmable.
The AS3688 is a successor to the
austrimicrosystems AS3681 with several additional
features (Charge Pump Automatic Up Switching,
Extended timer features, autonomous logarithmic
PWM dimming, LED pattern generator, DCDC step
up overvoltage protection, improved Charge Pump
and a fourth high current sink).
2 Key Features
New features of the AS3688 compared to the
AS3681 are written in boldface italics.
 Programmable High-Performance Regulator
− Low-Noise LDO (1.85 to 3.4V, 150mA)
− Default off after Power-up
− 3μA Quiescent Current in Standby
− Programmable via Serial Interface
 High-Efficiency Step Up DC/DC Converter
− Up to 25V/50mA for White LEDs
− Programmable Output Voltage with
External Resistors and Serial Interface
− Overvoltage Protection
− 0.1Ohm Shunt Resistor
 High-Efficiency High-Power Charge Pump
− 1:1, 1:1.5, and 1:2 Mode
− Automatic Up Switching (can be
disabled and 1:2 mode can be blocked)
− Output Current up to 400mA / 900mA
pulsed
− Efficiency up to 95%
− Very Low effective Resistance (0.5W typ.
1W max. in 1:1 mode, 1.4W typ. 2W max.
in 1:1.5)
− Only 4 External Capacitors Required:
2 x 1μF Flying Capacitors, 2 x 2.2μF
− Supports LCD White Backlight LEDs,
− Camera Flash White LEDs, and Keypad
Backlight LEDs
 Supports up to 12 Current Sinks
− Four Programmable (8+1Bit) from: 0.6mA
to 300mA
− Two High Voltage Programmable (8-bit)
from: 0.15mA to 38.25mA
− Three Programmable (8-bit) from: 0.15mA
to 38.25mA for RGB LEDs
− Three (AS3688B only; AS3688: One)
Programmable (8-bit) from: 0.15mA to
38.25mA for General Purpose
− Programmable Hardware Control (Strobe,
and Preview or PWM)
− Selectively Enable/Disable Current Sinks
Internal PWM Generation
− 8 Bit resolution
− Logarithmic up/down dimming
Led Pattern Generator
− Autonomous driving for any LED
10-bit Successive Approximation ADC
− 27μs Conversion Time
− Four Selectable Inputs: GPIO0-3
− Internal Temp. Measurement
− Support for Light Sensor, inluding a
adjustable current source (0-15uA)
Support for automatic LED function testing
(open and shorted LEDs can be identified)
Support for external Temperature Sensor
for high current LED protection (CURR3x)
Strobe Timeout protection
− Up to 1600ms
− Three different timing modes
TXMask function (reduce current during
Strobe) selectable on pin GPIO1
Four General Purpose Inputs/Outputs
− GPIO0-2 Input/Output, GPI only Input
− Digital Input, Digital Output, and Tristate
− Programmable Pull-Up, and Pull-Down
− GPI can be used as Flash Strobe
− GPIO2 can be used for Preview Mode
− GPIO0/2 can used for PWM input
Negative or High-Voltage Charge Pump
− Regulated Output Voltage, Programmable
by Dual Resistors e.g. -6V, 10mA for
OLED or ±15V, 5mA for TFT
− ±5% Accuracy
Standby LDO always on
− Regulated 2.5V max. output 10mA
− 3μA Quiescent Current
Wide Battery Supply Range: 3.0 to 5.5V
Two Wire Serial Interface Control
Overcurrent and Thermal Protection
Package QFN32 5x5mm
3 Application
Power- and lighting-management for mobile
telephones and other 1-cell Li+ or 3-cell NiMH
powered devices.




Similar Part No. - C10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
C10 ETC1-C10 Datasheet
109Kb / 2P
Miniature LCD Display DigitalPanel Meters
logo
Powerbox
C10 POWERBOX-C10 Datasheet
2Mb / 2P
1 WATTS 100-8KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
C10 XPPOWER-C10 Datasheet
981Kb / 12P
MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
logo
SOVICO corp.
C10 SOVICO-C10 Datasheet
250Kb / 1P
Loudspeaker System
logo
saftbatteries
C10-0046 SAFT-C10-0046 Datasheet
908Kb / 2P
Primary lithium-thionyl chloride High energy density Battery pack
More results


Similar Description - C10

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3681 AMSCO-AS3681 Datasheet
307Kb / 4P
Power AND Lighting Management Unit
AS3682 AMSCO-AS3682 Datasheet
864Kb / 43P
480mA Camera Lighting Management Unit
logo
National Semiconductor ...
LP3954 NSC-LP3954 Datasheet
6Mb / 56P
Advanced Lighting Management Unit
LP3958 NSC-LP3958 Datasheet
1Mb / 28P
Lighting Management Unit with High Voltage Boost Converter
LP39542 NSC-LP39542 Datasheet
2Mb / 58P
Advanced Lighting Management Unit
logo
ams AG
AS3675 AMSCO-AS3675 Datasheet
4Mb / 81P
Flexible Lighting Management Unit
AS3676 AMSCO-AS3676 Datasheet
4Mb / 92P
Flexible Lighting Management
AS3687 AMSCO-AS3687 Datasheet
2Mb / 55P
Flexible Lighting Management
logo
Texas Instruments
LP3954 TI1-LP3954 Datasheet
1Mb / 60P
Advanced Lighting Management Unit
logo
Infineon Technologies A...
IRPS5401 INFINEON-IRPS5401 Datasheet
1Mb / 62P
Flexible Power Management Unit
V 2.8 2022-07-06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com