Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3715-BWLW-ES Datasheet (PDF) - ams-OSRAM AG

AS3715-BWLW-ES Datasheet PDF - ams-OSRAM AG
Part # AS3715-BWLW-ES
Download  AS3715-BWLW-ES Download
File Size   3907.51 Kbytes
Page   159 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Dual or Single Power Path PMIC

AS3715-BWLW-ES Datasheet (PDF)

Go To PDF Page Download Datasheet
AS3715-BWLW-ES Datasheet PDF - ams-OSRAM AG

Part # AS3715-BWLW-ES
Download  AS3715-BWLW-ES Click to download

File Size   3907.51 Kbytes
Page   159 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Dual or Single Power Path PMIC

AS3715-BWLW-ES Datasheet (HTML) - ams-OSRAM AG


AS3715-BWLW-ES Product details

General Description
The AS3715 is a compact System PMU supporting two Li-Ion
batteries and up to 14 power rails.
The device offers advanced power management functions. All
necessary ICs and peripherals in a battery powered mobile
device are supplied by the AS3715. It features 3 DCDC buck
converters, one DCDC buck controller, a 5V HDMI booster, a HV
backlight boost controller with 3 current sinks as well as 8 LDOs
(2 low noise). The different regulated supply voltages are
programmable via the serial control interface. 3-4MHz DCDC
operation with 0.47uH coils is reducing cost and PCB space.
AS3715 contains a linear or switch mode Li-Ion battery charger
with constant current and constant voltage operation. The
maximum charging current is 1.5A. An internal battery switch
and an optional external switch are separating the battery
during charging or whenever an external power supply is
present. In addition a second external battery path can be
controlled. With these switches it is also possible to operate
with no or deeply discharged batteries.
A dual USB input current limiter can be used to control the
current taken form the USB supplies or charger inputs.
Additional features are a 30V OV protection and JEITA compliant
battery temperature supervision with selectable NTC beta
values.
Applications
The device is suitable for digital still cameras, outdoor action
cameras, digital movie cameras, general Li-Ion battery powered
mobile devices.




Similar Part No. - AS3715-BWLW-ES

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3715 AMSCO-AS3715 Datasheet
3Mb / 160P
Dual Power Path PMIC
2014-Sep-10
More results


Similar Description - AS3715-BWLW-ES

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP221 AD-OP221 Datasheet
193Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
09/01-Data Sheet changed from REV. 0 to REV. A.
logo
Agere Systems
A1750A AGERE-A1750A Datasheet
94Kb / 8P
A1750A DWDM Analog Forward-Path or Return-Path Laser Module
June 2001
A1751A AGERE-A1751A Datasheet
85Kb / 10P
A1751A DWDM Analog Forward-Path or Return-Path Laser Modules
June 2001
logo
Analog Devices
OP221GZ AD-OP221GZ Datasheet
287Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221GSZ AD-OP221GSZ Datasheet
890Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
OP221 AD-OP221_15 Datasheet
890Kb / 12P
Dual Low Power Operational Amplifier, Single or Dual Supply
REV. C
logo
Maxim Integrated Produc...
MAX77734 MAXIM-MAX77734 Datasheet
1Mb / 76P
Ultra-Low Power Tiny PMIC with Power Path Charger for Small Li and 150mA LDO
Rev 5; 7/20
MAX77650 MAXIM-MAX77650 Datasheet
2Mb / 82P
Ultra-Low Power PMIC with 3-Output SIMO and Power Path Charger for Small Li
Rev 7; 9/18
logo
ams AG
AS3715 AMSCO-AS3715 Datasheet
3Mb / 160P
Dual Power Path PMIC
2014-Sep-10
logo
Nordic Semiconductor
NPM1100 NORDIC-NPM1100 Datasheet
1Mb / 2P
Extremely compact Power Management IC (PMIC) with power path and charging
Version 1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com