Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3722-BCTR-ES Datasheet (PDF) - ams-OSRAM AG

AS3722-BCTR-ES Datasheet PDF - ams-OSRAM AG
Part # AS3722-BCTR-ES
Download  AS3722-BCTR-ES Download
File Size   5110.39 Kbytes
Page   199 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Multi-Phase DCDC Controller PMIC

AS3722-BCTR-ES Datasheet (PDF)

Go To PDF Page Download Datasheet
AS3722-BCTR-ES Datasheet PDF - ams-OSRAM AG

Part # AS3722-BCTR-ES
Download  AS3722-BCTR-ES Click to download

File Size   5110.39 Kbytes
Page   199 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Multi-Phase DCDC Controller PMIC

AS3722-BCTR-ES Datasheet (HTML) - ams-OSRAM AG


AS3722-BCTR-ES Product details

General Description
The AS3722 is a compact System PMU supporting up to 20 high
current rails.
The device offers advanced power management functions. All
necessary ICs and peripherals in a battery powered mobile
device are supplied by the AS3722. It features 4 DCDC buck
converters as well as 11 low noise LDOs. The different regulated
supply voltages are programmable via the serial control
interface. 3-4MHz operation with 0.47uH coils is reducing cost
and PCB space.
AS3722 further features 3 DCDC buck controller which are ideal
to support processor currents ranging from 5A up to 32A
depending on the used power stages. The multi-phase
topology operating on 3MHz ensures fast load transient
responses and reduces the footprint for external components.
The single supply voltage may vary from 2.7V to 5.5V.




Similar Part No. - AS3722-BCTR-ES

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3722 AMSCO-AS3722 Datasheet
3Mb / 198P
Multi-Phase DCDC Controller PMIC
2015-Sep-07
More results


Similar Description - AS3722-BCTR-ES

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6244 INTERSIL-ISL6244 Datasheet
845Kb / 25P
Multi-Phase PWM Controller
December 28, 2004
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
Multi-Phase PWM Controller
December 29, 2004
logo
Semtech Corporation
SC4201 SEMTECH-SC4201 Datasheet
226Kb / 9P
Multi-Phase Link Controller
SC4201 SEMTECH-SC4201_04 Datasheet
243Kb / 12P
Multi-Phase Link Controller
logo
ams AG
AS3709 AMSCO-AS3709 Datasheet
930Kb / 74P
關PMIC with 5 DCDC and 2 LDOs
logo
ON Semiconductor
NCP6914 ONSEMI-NCP6914 Datasheet
848Kb / 36P
5 Channel PMIC: 1 DCDC Converter and 4 LDOs
April, 2014 ??Rev. 10
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
Multi-Phase PWM Controller
ISL6569 RENESAS-ISL6569 Datasheet
1Mb / 23P
Multi-Phase PWM Controller
logo
ams AG
AS3722 AMSCO-AS3722 Datasheet
3Mb / 198P
Multi-Phase DCDC Controller PMIC
2015-Sep-07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com