Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT132 Datasheet (PDF) - STMicroelectronics

M74HCT132 Datasheet PDF - STMicroelectronics
Part # M74HCT132
Download  M74HCT132 Download
File Size   49.41 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT SCHMITT NAND GATE

M74HCT132 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HCT132 Datasheet PDF - STMicroelectronics

Part # M74HCT132
Download  M74HCT132 Click to download

File Size   49.41 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description QUAD 2-INPUT SCHMITT NAND GATE

M74HCT132 Datasheet (HTML) - STMicroelectronics


M74HCT132 Product details

DESCRIPTION
The M74HCT132 is an high speed CMOS QUAD 2-INPUT SCHMITT NAND GATE fabricated with silicon gate C2MOS technology.
Pin configuration and function are the same as those of the M74HCT00. The hysteresis characteristics (around 20% Vcc) of all inputs allow slowly changing input signals to be transformed into sharply defined jitter-free output signals.
The M74HCT132 is designed to directly interface HSC2MOS systems with TTL and NMOS components.
All inputs are equipped with protection circuits against static discharge and transient excess voltage.

■ HIGH SPEED:
   tPD = 19ns (TYP.) at VCC = 4.5V
■ LOW POWER DISSIPATION:
   ICC = 1µA(MAX.) at TA=25°C
■ HIGH NOISE IMMUNITY :
   VH = 0.7V (TYP) at Vcc = 4.5V
■ BALANCED PROPAGATION DELAYS:
   tPLH ≅ tPHL
■ SYMMETRICAL OUTPUT IMPEDANCE:
   |IOH| = IOL = 4mA (MIN)
■ PIN AND FUNCTION COMPATIBLE WITH
   74 SERIES 132




Similar Part No. - M74HCT132

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT132 STMICROELECTRONICS-M74HCT132 Datasheet
180Kb / 8P
QUAD 2-INPUT SCHMITT NAND GATE
Jul-2001
M74HCT132B1R STMICROELECTRONICS-M74HCT132B1R Datasheet
180Kb / 8P
QUAD 2-INPUT SCHMITT NAND GATE
Jul-2001
M74HCT132M1R STMICROELECTRONICS-M74HCT132M1R Datasheet
180Kb / 8P
QUAD 2-INPUT SCHMITT NAND GATE
Jul-2001
M74HCT132RM13TR STMICROELECTRONICS-M74HCT132RM13TR Datasheet
180Kb / 8P
QUAD 2-INPUT SCHMITT NAND GATE
Jul-2001
M74HCT132TTR STMICROELECTRONICS-M74HCT132TTR Datasheet
180Kb / 8P
QUAD 2-INPUT SCHMITT NAND GATE
Jul-2001
More results


Similar Description - M74HCT132

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT132A STMICROELECTRONICS-74VHCT132A Datasheet
53Kb / 7P
QUAD 2-INPUT SCHMITT NAND GATE
Feb-2000
M54HC132 STMICROELECTRONICS-M54HC132 Datasheet
234Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
Dec-1992
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F Datasheet
209Kb / 5P
QUAD 2-INPUT SCHMITT NAND GATE
logo
STMicroelectronics
M74HC132 STMICROELECTRONICS-M74HC132 Datasheet
180Kb / 9P
QUAD 2-INPUT SCHMITT NAND GATE
March 2002
logo
Toshiba Semiconductor
TC74HC132AP TOSHIBA-TC74HC132AP_07 Datasheet
267Kb / 8P
Quad 2-Input Schmitt NAND Gate
TC74VHC132F TOSHIBA-TC74VHC132F_07 Datasheet
258Kb / 10P
Quad 2-Input Schmitt NAND Gate
logo
STMicroelectronics
M74HCT132 STMICROELECTRONICS-M74HCT132_01 Datasheet
180Kb / 8P
QUAD 2-INPUT SCHMITT NAND GATE
Jul-2001
74VHC132 STMICROELECTRONICS-74VHC132_04 Datasheet
235Kb / 11P
QUAD 2-INPUT SCHMITT NAND GATE
12-Nov-2004
logo
Toshiba Semiconductor
TC74VHC132F TOSHIBA-TC74VHC132F_12 Datasheet
216Kb / 9P
Quad 2-Input Schmitt NAND Gate
TC74VHC132F TOSHIBA-TC74VHC132F_V01 Datasheet
273Kb / 5P
QUAD 2-INPUT SCHMITT NAND GATE
1997-01-30
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com