Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO70040 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO70040 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO70040
Download  DIO70040 Download
File Size   1032.91 Kbytes
Page   14 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 5.5 V Low Loss Power Distribution Switch

DIO70040 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO70040 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO70040
Download  DIO70040 Click to download

File Size   1032.91 Kbytes
Page   14 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 5.5 V Low Loss Power Distribution Switch

DIO70040 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO70040 Product details

 Features
 Input voltage: 2.7 V to 5.5 V
 Typical 57 mΩ on-resistance
 Undervoltage lockout
 Overcurrent protection, short circuit protection
and over temperature protection
 Fault time 8 ms (typ) with blanking
 Reverse blocking (no body diode)
 No reverse current when power ON or power
OFF
 Enable polarity: active high
 Quick output discharge
 Applications
 USB ports / hubs
 Digital TV
 Set-top boxes
 VOIP phones
 Description
The DIO70040 power distribution switch is intended
for applications where precision current limiting is
required or heavy capacitive loads and short circuits
are encountered. The power switch rising and falling
times are controlled to minimize current surges
during turning on / off.
The DIO70040 provides 3.35 A current limit.
The DIO70040 device limits the output current under
a safe level by using a constant current mode when
the output load exceeds the current limit threshold.
The DIO70040 is available in the SOT23-5 package.
It is rated over the -40°C to 85°C temperature range.




Similar Part No. - DIO70040

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO70040- DIOO-DIO70040- Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
DIO70040HFMP8 DIOO-DIO70040HFMP8 Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
DIO70040HFSO8 DIOO-DIO70040HFSO8 Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
DIO70040HFST5 DIOO-DIO70040HFST5 Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
DIO70040HFXM8 DIOO-DIO70040HFXM8 Datasheet
1Mb / 18P
5.5 V Low Loss Power Distribution Switch
Version 1.3, Aug 2025
More results


Similar Description - DIO70040

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2537 MICREL-MIC2537_11 Datasheet
86Kb / 12P
Quad Power Distribution Switch Quad Power Distribution Switch
logo
Global Mixed-mode Techn...
G553 GMT-G553 Datasheet
179Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_15 Datasheet
628Kb / 10P
POWER DISTRIBUTION SWITCH
logo
Global Mixed-mode Techn...
G5250 GMT-G5250 Datasheet
90Kb / 1P
Power Distribution Switch
logo
Unisonic Technologies
US3X77 UTC-US3X77_17 Datasheet
636Kb / 10P
POWER DISTRIBUTION SWITCH
US3075 UTC-US3075_15 Datasheet
603Kb / 9P
POWER DISTRIBUTION SWITCH
logo
Silergy Corp.
SY6280 SILERGY-SY6280 Datasheet
1Mb / 10P
5.5V, 2A Low Loss Power Distribution Switch
logo
List of Unclassifed Man...
G547E ETC1-G547E Datasheet
1Mb / 15P
Power Distribution Switch
logo
ACE Technology Co., LTD...
ACE346N ACE-ACE346N Datasheet
286Kb / 4P
Low Loss Power Distribution Switch
VER 1.1
logo
Global Mixed-mode Techn...
G524A GMT-G524A_V01 Datasheet
2Mb / 19P
Power Distribution Switch
Ver: 0.94 Aug 02, 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com