Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO75530HCD6 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DIO75530HCD6 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DIO75530HCD6
Download  DIO75530HCD6 Download
File Size   1435.08 Kbytes
Page   15 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Precision Adjustable Current-Limited Power Distribution Switches

DIO75530HCD6 Datasheet (PDF)

Go To PDF Page Download Datasheet
DIO75530HCD6 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DIO75530HCD6
Download  DIO75530HCD6 Click to download

File Size   1435.08 Kbytes
Page   15 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description Precision Adjustable Current-Limited Power Distribution Switches

DIO75530HCD6 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DIO75530HCD6 Product details

 Features
 57 mΩ (typ) high-side MOSFET
 2.31 A continuous load current (max)
 ±10% current-limit accuracy at 1 A (typ)
 Adjustable current limit: 0.2 A ~ 2.59 A (typ)
 Operating range: 2.7 V to 5.5 V
 36 μA (typ) quiescent current
 2 μs fast overcurrent response (typ)
 Reverse input-output voltage protection
 Quick output discharge:
– DIO75530H: available, EN high
– DIO75530NH: not available, EN high
– DIO75530L: available, EN low
− DIO75530NL: not available, EN low
 Applications
 USB ports & USB hubs
 Digital TVs
 Set-top boxes
 VOIP phones
 Short circuit protections
 Description
The DIO75530 is power distribution switch intended
for applications where precision current limiting is
required or heavy capacitive loads and short circuits
are encountered. The device provides up to 2.31 A of
continuous load current. When the voltage is higher
than the maximum voltage of 5%, the chip could be
maintained for at least 10 ms without damage.
A programmable current-limit threshold is offered
between 200 mA and 2.59 A (typ) via an external
resistor. Current-limit accuracy is ±10% at 1 A. The
power-switch rise and fall times are controlled to
minimize current surges during turning on/off. A
constant-current mode is used when the output load
exceeds the current-limit threshold.
The DIO75530 limits the output current to a safe level
by using a constant-current mode when the output
load exceeds the current-limit threshold. An internal
reverse voltage comparator disables the power
switch when the output voltage is driven higher than
the input to protect devices on the input side.




Similar Part No. - DIO75530HCD6

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO7553BCD6 DIOO-DIO7553BCD6 Datasheet
732Kb / 10P
Precision Adjustable Current-Limited Power Distribution Switches
Rev 1.3
DIO7553BST6 DIOO-DIO7553BST6 Datasheet
732Kb / 10P
Precision Adjustable Current-Limited Power Distribution Switches
Rev 1.3
More results


Similar Description - DIO75530HCD6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2552 TI-TPS2552 Datasheet
1Mb / 26P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_09 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2552 TI-TPS2552_10 Datasheet
1Mb / 31P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2554 TI1-TPS2554 Datasheet
1Mb / 23P
Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2556 TI1-TPS2556 Datasheet
1,000Kb / 23P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2553QDBVRQ1 TI-TPS2553QDBVRQ1 Datasheet
1Mb / 29P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
TPS2554 TI1-TPS2554_16 Datasheet
1Mb / 24P
Precision Adjustable Current-Limited, Power-Distribution Switches
TPS2552D TI1-TPS2552D Datasheet
743Kb / 31P
Precision Adjustable Current-Limited Power-Distribution Switches
logo
Unisonic Technologies
US210AD UTC-US210AD Datasheet
163Kb / 5P
PRECISION ADJUSTABLE CURRENT-LIMITED POWER-DISTRIBUTION SWITCHES
logo
SG Micro Corp
SGM2553 SGMICRO-SGM2553 Datasheet
780Kb / 12P
Precision Adjustable Current Limited Power Distribution Switches
JUNE2018-REV.A.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com