Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPM4102 Datasheet (PDF) - DIOO MICROCIRCUITS CO., LTD

DPM4102 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD
Part # DPM4102
Download  DPM4102 Download
File Size   1262.92 Kbytes
Page   20 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 2.0 A Buck-Boost Power Module with Small Package

DPM4102 Datasheet (PDF)

Go To PDF Page Download Datasheet
DPM4102 Datasheet PDF - DIOO MICROCIRCUITS CO., LTD

Part # DPM4102
Download  DPM4102 Click to download

File Size   1262.92 Kbytes
Page   20 Pages
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD
Description 2.0 A Buck-Boost Power Module with Small Package

DPM4102 Datasheet (HTML) - DIOO MICROCIRCUITS CO., LTD


DPM4102 Product details

 Features
 2.0 V to 5.5 V input voltage range
 Adjustable output voltage: 2.0 V to 5.5 V
 Low quiescent current: 9 μA
 Operation mode: PSM mode, FPWM mode
configurable
 Low RDS(ON) for internal switches
 High efficiency up to 95%
 Internal soft start (SS) and compensation
 Power good indicator
 4.2 A switching current limit
 High output current capability
- 3.3 V/2.0 A at VIN ≥ 2.5 V
 Protection:
- Hiccup mode for short-circuit protection
- Thermal shutdown protection
- Overvoltage protection
- Forward and backward current limit
 Small solution size
 Applications
 Portable electronics
 Solid state drive
 Optical module
 Multifunction printers
 Description
The DPM4102 is a fully integrated, high-efficiency
synchronous buck-boost converter. It operates with
an input voltage range of 2.0 V to 5.5 V and an
adjustable output of 2.0 V to 5.5 V, delivering up to 2
A output current. Featuring a 2 MHz fixed switching
frequency, it integrates an inductor and supports
selectable PWM/PSM modes for low noise or
efficiency optimization. Packaged in a compact
14-pin ECLGA (2.5 mm × 2.5 mm × 1.085 mm), it
requires minimal external components, reducing
design complexity.
Integrating a built-in soft-start function, power good
(PG) indication, and a full suite of protection
mechanisms (including UVLO, short-circuit,
overvoltage, and thermal shutdown), this device
delivers robust operational reliability. Boasting a
typical quiescent current of just 9 μA, it is ideally
suited for power-constrained applications such as
optical modules, personal medical devices, and
time-of-flight sensors while ensuring stable transient
response and consistent performance across the
entire load range.




Similar Part No. - DPM4102

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DPM40 ETC1-DPM40 Datasheet
48Kb / 2P
A compact Low-Cost LED Module ideally suited for applications where a Bright Display Under All Conditions is Required
logo
XP Power Limited
DPM48 XPPOWER-DPM48 Datasheet
109Kb / 1P
Diode Protection Module
DPM48D XPPOWER-DPM48D Datasheet
109Kb / 1P
Diode Protection Module
logo
Lascar Electronics
DPM490 LASCAR-DPM490 Datasheet
519Kb / 2P
4½ Digit LED Panel Meter
August/2002
logo
Cornell Dubilier Electr...
DPM4P15K-F CDE-DPM4P15K-F Datasheet
264Kb / 2P
Polypropylene Film Capacitors Great for High Frequency Switching Power Supplies
More results


Similar Description - DPM4102

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC60BBM24T3G MICROSEMI-APTC60BBM24T3G Datasheet
571Kb / 8P
Boost buck chopper MOSFET Power Module
logo
Linear Technology
LTM8055 LINER-LTM8055_15 Datasheet
500Kb / 24P
36VIN, 8.5A Buck-Boost Module Regulator
logo
Texas Instruments
TPS63802 TI1-TPS63802 Datasheet
1Mb / 28P
2-A, High-Efficient, Low IQ Buck-Boost Converter with Small Solution Size
TPS63805 TI1-TPS63805_V01 Datasheet
3Mb / 46P
TPS6380x 2-A, High-efficient, Low IQ Buck-boost Converter with Small Solution Size
logo
Cyntec Co., Ltd.
VPN12AD02-FU CYNTEC-VPN12AD02-FU Datasheet
3Mb / 22P
Buck-Boost, High Efficiency POL Module
logo
Shenzhen Huazhimei Semi...
HM5666A HMSEMI-HM5666A Datasheet
270Kb / 7P
Small Package, High Performance, Asynchronies Boost
logo
Texas Instruments
TPS631010 TI-TPS631010 Datasheet
3Mb / 26P
TPS631010 and TPS631011 1.5-A Output Current, Buck-Boost Converters in Small Wafer Chip Scale Package
DECEMBER 2022
TPSM83100 TI-TPSM83100 Datasheet
2Mb / 24P
TPSM83100 and TPSM83101 1.5-A Output Current, Buck-Boost MicroSiP™ Power Module with Integrated Inductor
MARCH 2023
TPSM83100 TI-TPSM83100_V01 Datasheet
2Mb / 25P
TPSM83100 and TPSM83101 1.5-A Output Current, Buck-Boost MicroSiP™ Power Module with Integrated Inductor
REVISED JUNE 2023
TPS631010 TI1-TPS631010_V01 Datasheet
3Mb / 27P
TPS631010 and TPS631011 1.5-A Output Current, Buck-Boost Converters in Small Wafer Chip Scale Package
REVISED AUGUST 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com