Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA951-SEP Datasheet (PDF) - Texas Instruments

INA951-SEP Datasheet PDF - Texas Instruments
Part # INA951-SEP
Download  INA951-SEP Download
File Size   1162.32 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA951-SEP –4V to 80V, 1.3MHz, Current Sense Amplifier

INA951-SEP Datasheet (PDF)

Go To PDF Page Download Datasheet
INA951-SEP Datasheet PDF - Texas Instruments

Part # INA951-SEP
Download  INA951-SEP Click to download

File Size   1162.32 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description INA951-SEP –4V to 80V, 1.3MHz, Current Sense Amplifier

INA951-SEP Datasheet (HTML) - Texas Instruments


INA951-SEP Product details

1 Features
• VID v62/26605
• Radiation - Total Ionizing Dose (TID):
– TID performance assurance up to 30krad(Si)
– Radiation Lot Acceptance Testing (RLAT) for every wafer lot up to 30krad(Si)
• Radiation - Single-Event Effects (SEE):
– Single Event Latch-Up (SEL) immune up to 43MeV-cm2 /mg at 125°C
– Single Event Transient (SET) characterized up to LET = 47.5MeV-cm2 /mg
• Supports defense, aerospace, and medical applications
– Operating temperature from –55°C to +125°C
– Controlled baseline
– Au bondwire and NiPdAu lead finish
– Outgassing test performed per ASTM E595
– One fabrication, assembly, and test site
– Extended product life cycle
– Product traceability
• Wide common-mode voltage:
– Operational voltage: −4V to +80V
– Survival voltage: −20V to +85V
• Excellent CMRR:
– 160dB DC-CMRR
– 85dB AC-CMRR at 50kHz
• Accuracy:
– Gain:
• Gain error: ±0.15% (maximum)
• Gain drift: ±10ppm/ °C (maximum)
– Offset:
• Offset voltage: ±30μV (typical)
• Offset drift: ±0.05μV/ °C (typical)
• Available gain:
– INA951-SEP A1, : 20V/V
• High bandwidth: 1.3MHz
• Slew rate: 2.5V/μs
• Quiescent current: 1.5mA




Similar Part No. - INA951-SEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA951-SEP TI2-INA951-SEP Datasheet
953Kb / 19P
INA951-SEP –4V to 80V, 1.3MHz, Current Sense Amplifier
FEBRUARY 2026
More results


Similar Description - INA951-SEP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1620 LINER-LT1620 Datasheet
282Kb / 12P
Rail-to-Rail Current Sense Amplifier
LT1620 LINER-LT1620_15 Datasheet
253Kb / 12P
Rail-to-Rail Current Sense Amplifier
LT1621 LINER-LT1621_15 Datasheet
253Kb / 12P
Rail-to-Rail Current Sense Amplifier
logo
Texas Instruments
INA240-Q1 TI1-INA240-Q1 Datasheet
547Kb / 10P
Current-Sense Amplifier
logo
Linear Technology
LT6119-1 LINER-LT6119-1 Datasheet
337Kb / 28P
Current Sense Amplifier
logo
Semtech Corporation
TS94033 SEMTECH-TS94033 Datasheet
1Mb / 10P
Current Sense Amplifier
logo
Silicon Supplies
SISA4080 SS-SISA4080 Datasheet
494Kb / 5P
Current Sense Amplifier
logo
Rohm
BD14210G-LA ROHM-BD14210G-LA Datasheet
983Kb / 19P
Current Sense Amplifier
03.Mar.2022 Rev.001
BD14210G-EVK-001 ROHM-BD14210G-EVK-001 Datasheet
668Kb / 4P
Current Sense Amplifier
Rev.001 Oct.2022
BD14215FVJ-LA ROHM-BD14215FVJ-LA Datasheet
1Mb / 19P
Current Sense Amplifier
06.Sep.2022 Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com