Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8764-Q1 Datasheet (PDF) - Texas Instruments

LP8764-Q1 Datasheet PDF - Texas Instruments
Part # LP8764-Q1
Download  LP8764-Q1 Download
File Size   1366.73 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches

LP8764-Q1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP8764-Q1 Datasheet PDF - Texas Instruments

Part # LP8764-Q1
Download  LP8764-Q1 Click to download

File Size   1366.73 Kbytes
Page   15 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches

LP8764-Q1 Datasheet (HTML) - Texas Instruments


LP8764-Q1 Product details

1 Features
• AEC-Q100 Qualified with the following results:
– Input voltage: 2.8 V to 5.5 V
– Device temperature grade 1: –40°C to +125°C ambient operating temperature range
– Device HBM ESD classification Level 2
– Device CDM ESD classification Level C4B
• Functional Safety-Compliant
– Developed for functional safety applications
– Documentation available to aid ISO 26262 system design up to ASIL-D
– Documentation available to aid IEC 61508 system design up to SIL-3
– Systematic capability up to ASIL-D
– Hardware integrity up to ASIL-D
– Windowed voltage and over-current monitors
– Watchdog with selectable trigger / Q&A mode
– Level or PWM error signal monitoring (ESM)
– Thermal monitoring with high temperature warning and thermal shutdown
– Bit-integrity (CRC) error detection on configuration registers and non-volatile memory
• 4 high-efficiency step-down DC/DC converters:
– Output voltage: 0.3 V to 3.34 V (0.3 V to 1.9 V for multi-phase outputs)
– Maximum output current: 5 A per phase, up to 20 A with 4-phase configuration
– Programmable output voltage slew-rate: 0.5 mV/μs to 33 mV/μs
– Switching frequency: 2.2 MHz or 4.4 MHz
• 10 configurable general purpose I/O (GPIO)
• SPMI interface for multi-PMIC synchronization
• Input overvoltage monitor (OVP) and undervoltage lockout (UVLO)




Similar Part No. - LP8764-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP8764-Q1 TI-LP8764-Q1 Datasheet
1,011Kb / 38P
LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
LP8764-Q1 TI-LP8764-Q1 Datasheet
10Mb / 306P
LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
MARCH 2022
LP8764-Q1 TI-LP8764-Q1 Datasheet
10Mb / 307P
LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
MARCH 2022
LP8764-Q1 TI-LP8764-Q1 Datasheet
10Mb / 307P
LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
MARCH 2022
LP8764-Q1 TI-LP8764-Q1 Datasheet
670Kb / 11P
LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
NOVEMBER 2024
More results


Similar Description - LP8764-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87561I-Q1 TI1-LP87561I-Q1 Datasheet
988Kb / 75P
Four-Phase 16-A Buck Converter With Integrated Switches
LP87521-Q1 TI1-LP87521-Q1_V02 Datasheet
3Mb / 94P
LP8752x-Q1 10-A Buck Converter With Integrated Switches
LP8764-Q1 TI-LP8764-Q1 Datasheet
1,011Kb / 38P
LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
LP87521-Q1 TI-LP87521-Q1_V03 Datasheet
3Mb / 94P
LP8752x-Q1 10-A Buck Converter With Integrated Switches
LP8764-Q1 TI-LP8764-Q1_V01 Datasheet
10Mb / 306P
LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
MARCH 2022
LP87521-Q1 TI-LP87521-Q1_V05 Datasheet
2Mb / 95P
LP8752x-Q1 10-A Buck Converter With Integrated Switches
MARCH 2018
LP8764-Q1 TI-LP8764-Q1_V02 Datasheet
10Mb / 307P
LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
MARCH 2022
LP87521-Q1 TI-LP87521-Q1_V06 Datasheet
2Mb / 95P
LP8752x-Q1 10-A Buck Converter With Integrated Switches
MARCH 2018
LP8764-Q1 TI-LP8764-Q1_V03 Datasheet
10Mb / 307P
LP8764-Q1 Four-Phase, 20-A Buck Converter With Integrated Switches
MARCH 2022
LP87521-Q1 TI1-LP87521-Q1_V07 Datasheet
2Mb / 95P
LP8752x-Q1 10-A Buck Converter With Integrated Switches
MARCH 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com