Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951-50QDRM3Q1.A Datasheet (PDF) - Texas Instruments

LP2951-50QDRM3Q1.A Datasheet PDF - Texas Instruments
Part # LP2951-50QDRM3Q1.A
Download  LP2951-50QDRM3Q1.A Download
File Size   3391.51 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP2951-Q1 Automotive, Adjustable Micropower Voltage Regulator With Shutdown

LP2951-50QDRM3Q1.A Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2951-50QDRM3Q1.A Datasheet PDF - Texas Instruments

Part # LP2951-50QDRM3Q1.A
Download  LP2951-50QDRM3Q1.A Click to download

File Size   3391.51 Kbytes
Page   44 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP2951-Q1 Automotive, Adjustable Micropower Voltage Regulator With Shutdown

LP2951-50QDRM3Q1.A Datasheet (HTML) - Texas Instruments


LP2951-50QDRM3Q1.A Product details

1 Features
• AEC-Q100 qualified for automotive applications:
– Temperature grade 1: −40°C to +125°C, TA
– Temperature grade 1: −40°C to +125°C, TJ
• Wide input voltage range
– VIN range (new chip): 2V to 30V
• Wide output voltage range VOUT
– Fixed option: 3.3V, 5.0V
– Adjustable option: VREF to 29V
• Output current: Up to 100mA
• VOUT accuracy:
– ±2% over line, load, and temperature for legacy chip
– ±1% over line, load, and temperature for new chip
• Quiescent current IQ (new chip): 50μA (typical)
• Low dropout: 340mV (typical) for new chip
• Output current limiting and thermal shutdown
• Open-drain error output
• Stable over a wide range of ceramic output capacitor values:
– CL range: 1μF to 100μF (new chip)
– ESR range: 0Ω to 2Ω (new chip)
• Package options:
– D (8-pin SOIC)
– DRG (8-pin WSON)




Similar Part No. - LP2951-50QDRM3Q1.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2951-50QDRM3Q1 TI-LP2951-50QDRM3Q1 Datasheet
3Mb / 47P
LP2951-Q1 Automotive, Adjustable Micropower Voltage Regulator With Shutdown
NOVEMBER 2024
More results


Similar Description - LP2951-50QDRM3Q1.A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2950 TI-LP2950_08 Datasheet
2Mb / 25P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_10 Datasheet
2Mb / 28P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI1-LP2950_11 Datasheet
3Mb / 31P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI1-LP2950 Datasheet
3Mb / 31P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-50QDRGRQ1 TI1-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2951-50QDRGRQ1 TI-LP2951-50QDRGRQ1 Datasheet
3Mb / 24P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
LP2950 TI-LP2950_15 Datasheet
3Mb / 32P
Adjustable Micropower Voltage Regulators with Shutdown
LP2951-33-Q1 TI-LP2951-33-Q1_15 Datasheet
3Mb / 30P
Adjustable Micropower Voltage Regulators With Shutdown
LP2951-50-Q1 TI-LP2951-50-Q1_15 Datasheet
3Mb / 30P
LP2951-xx-Q1 Adjustable Micropower Voltage Regulators With Shutdown
LP2951-33-Q1 TI1-LP2951-33-Q1 Datasheet
3Mb / 30P
Adjustable Micropower Voltage Regulators With Shutdown
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com