Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1102-T Datasheet (PDF) - ams-OSRAM AG

AS1102-T Datasheet PDF - ams-OSRAM AG
Part # AS1102-T
Download  AS1102-T Download
File Size   1212.88 Kbytes
Page   15 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Low-Dropout LED Drivers

AS1102-T Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1102-T Datasheet PDF - ams-OSRAM AG

Part # AS1102-T
Download  AS1102-T Click to download

File Size   1212.88 Kbytes
Page   15 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Low-Dropout LED Drivers

AS1102-T Datasheet (HTML) - ams-OSRAM AG


AS1102-T Product details

1 General Description
The AS1101/AS1102/AS1103/AS1104 are LED drivers
designed to match current source bias for any color
LED, including white and blue. The devices can drive up
to 4 high-current LEDs, and the LED current is programmable
using an external resistor (RSET).
The AS1101 LED currents are 460 x ISET (per LED, typ)
at an LED cathode voltage (VSAT) of 150mV and 650 x
ISET (typ) at a VSAT of 1V, where ISET is the current
through RSET connected to pin CTRL.
The AS1102, AS1103, and AS1104 LED currents are
230 x ISET (per LED, typ) at a VSAT of 150mV and 325 x
ISET (typ) at a VSAT of 1V.
The AS1101, AS1102, and AS1104 incorporate a chipenable
feature via pin ON. When the devices are disabled,
the supply current drops to less than 1μA.
The AS1101, AS1102, and AS1103 are available in a
6-pin SC70 package; the AS1104 is available in a 8-pin
MSOP package.
2 Key Features
! LED Drivers for Parallel-Connected LEDs
! Ultra-Low Voltage Drop: Less Than 150mV (for Liion
Battery Support)
! Analog and PWM Brightness Control
! Up to 80mA per LED (AS1101)
! Up to 40mA per LED (AS1102, AS1103, AS1104)
! No Electromagnetic Interference, No Switching-
Noise
! Current-Matching Requires No External Components
! Active-Low Shutdown Mode (AS1101, AS1102,
and AS1103)
! Low Shutdown-Current: Less Than 1μA
! SC70-6 Package (AS1101, AS1102, and AS1103)
! MSOP-8 Package (AS1104)
3 Applications
The AS110x devices are ideal for LED displays and keyboard
backlights, as well as lighting management units
for battery powered audio devices such as MP3 and CD
players, mobile and cordless phones, PDAs, portable
DVD players, and consumer electronics.




Similar Part No. - AS1102-T

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1102-T AMSCO-AS1102-T Datasheet
481Kb / 13P
Low-Dropout LED Drivers
AS1102-T AMSCO-AS1102-T Datasheet
912Kb / 14P
Low-Dropout LED Drivers
More results


Similar Description - AS1102-T

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5611 FAIRCHILD-FAN5611 Datasheet
168Kb / 12P
Low-Dropout LED Drivers for White, Blue or any Color LED
logo
ams AG
AS1101 AMSCO-AS1101 Datasheet
256Kb / 13P
Low-Dropout LED Drivers
logo
Fairchild Semiconductor
FAN5611 FAIRCHILD-FAN5611_06 Datasheet
702Kb / 14P
Low-Dropout LED Drivers for White, Blue, or any Color LED
logo
YOBON TECHNOLOGIES,INC.
YB1303 YOBON-YB1303 Datasheet
443Kb / 8P
Low Dropout LED Driver
logo
ams AG
AS1101 AMSCO-AS1101_1 Datasheet
481Kb / 13P
Low-Dropout LED Drivers
AS1101 AMSCO-AS1101_04 Datasheet
912Kb / 14P
Low-Dropout LED Drivers
logo
TEXAS ADVANCED OPTOELEC...
AS1101 TAOS-AS1101 Datasheet
912Kb / 14P
Low-Dropout LED Drivers
AS1102 TAOS-AS1102 Datasheet
912Kb / 14P
Low-Dropout LED Drivers
AS1107 TAOS-AS1107 Datasheet
1Mb / 22P
Low-Dropout LED Drivers
logo
ams AG
AS1111 AMSCO-AS1111 Datasheet
803Kb / 22P
Low?밆ropout LED Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com