Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3953 Datasheet (PDF) - ams-OSRAM AG

AS3953 Datasheet PDF - ams-OSRAM AG
Part # AS3953
Download  AS3953 Download
File Size   1418.16 Kbytes
Page   71 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 14443 High Speed Passive Tag Interface

AS3953 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS3953 Datasheet PDF - ams-OSRAM AG

Part # AS3953
Download  AS3953 Click to download

File Size   1418.16 Kbytes
Page   71 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description 14443 High Speed Passive Tag Interface

AS3953 Datasheet (HTML) - ams-OSRAM AG


AS3953 Product details

General Description
The AS3953A NFC interface IC (NFiC) delivers low cost, ultra low
power NFC Forum functionality to multiple different
applications. The AS3953A is a analog front-end with integrated
14443A data framing and SPI interface. It is designed to create
a fast data link between an ISO 14443A reader device (PCD) and
a microcontroller. The AS3953A is passively powered meaning
that it can be supplied from the PCD magnetic field, eliminating
the need of a continual external supply. This makes the
AS3953A perfect for wireless communication to a low-power
battery powered device.
The AS3953A is used with an appropriate antenna coil
connected to the terminals LC1 and LC2, and behaves as a
normal passive ISO 144443A tag (PICC). After the anti-collision
protocol is passed, the PCD sends a Wake-Up command, which
wakes up the microcontroller by sending an interrupt. From this
point onwards, the AS3953A serves as a data link between the
microcontroller and the PCD. AS3953A can also operate as
NFCIP-1 target at 106 kbit/s.
The AS3953A includes an onboard EEPROM that can be
accessed either from the PCD or from the microcontroller via
the SPI interface. This built-in flexibility makes it ideal for two
types of applications:
• Where personalization data is programmed by the PCD
(even in case the SPI side is not powered) and it is later
read by microcontroller through SPI interface.
• Where log data is stored periodically by the
microcontroller and can then be read by the PCD even
when the microcontroller is not powered.
A regulated power supply voltage extracted from the PCD field
is also available on a pin and can be used as power supply for
external circuitry. For example, an external microcontroller and
a sensor could be powered from the PCD field combined with
pass through data rates up to 848kbit/s, which means the
AS3953A is ideal for contactless passive programming of MCU
systems. The AS3953A can also operate as a stand-alone ISO
14443A tag.
The AS3953A supports ISO 14443A up to Level-4, meaning a
contactless smart card or an NFC forum compatible tag (Tag
Type 4) can be built. Having a NFC Forum compatible tag
interface allows the AS3953A to be used in an application where
a standard NFC enabled phone is used as a PCD.
Applications
Passive wake-up
Multipurpose HF interface to a controller
Low power or passive programming
Ultra low power data logger
RFID programmable configuration EEPROM
ISO 14443A smart card
NFC Forum Tag Type 4
Bluetooth and Wi-Fi pairing




Similar Part No. - AS3953

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3953 AMSCO-AS3953 Datasheet
423Kb / 42P
14443 High Speed Passive Tag Interface
AS3953 AMSCO-AS3953 Datasheet
423Kb / 42P
14443 High Speed Passive Tag Interface
logo
List of Unclassifed Man...
AS3953 ETC2-AS3953 Datasheet
423Kb / 42P
14443 High Speed Passive Tag Interface
AS3953-DK-ST ETC2-AS3953-DK-ST Datasheet
423Kb / 42P
14443 High Speed Passive Tag Interface
logo
ams AG
AS3953A AMSCO-AS3953A Datasheet
681Kb / 42P
High Speed Passive Tag Interface
More results


Similar Description - AS3953

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3953 AMSCO-AS3953 Datasheet
423Kb / 42P
14443 High Speed Passive Tag Interface
AS3953 AMSCO-AS3953_07 Datasheet
423Kb / 42P
14443 High Speed Passive Tag Interface
logo
List of Unclassifed Man...
AS3953-DK-ST ETC2-AS3953-DK-ST Datasheet
423Kb / 42P
14443 High Speed Passive Tag Interface
logo
ams AG
AS3953A AMSCO-AS3953A Datasheet
681Kb / 42P
High Speed Passive Tag Interface
logo
Abracon Corporation
ART868X25275YZ25 ABRACON-ART868X25275YZ25 Datasheet
1Mb / 2P
RFID Tag (Passive)
11.24.14
ART868X130903TX13 ABRACON-ART868X130903TX13 Datasheet
1Mb / 2P
RFID Tag (Passive)
11.24.14
ART915X25275YZ25 ABRACON-ART915X25275YZ25 Datasheet
1Mb / 2P
RFID Tag (Passive)
11.25.14
ART915X130930TX13 ABRACON-ART915X130930TX13 Datasheet
1Mb / 2P
RFID Tag (Passive)
11.25.14
logo
ams AG
AS3953A AMSCO-AS3953A_V01 Datasheet
863Kb / 70P
14443 High Speed Passive Tag Interface
2019-Feb-15
AS3953B AMSCO-AS3953B Datasheet
727Kb / 64P
14443 High Speed Passive Tag Interface
2016-Jan-07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com