Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BP-104-FAS Datasheet (PDF) - ams-OSRAM AG

BP-104-FAS Datasheet PDF - ams-OSRAM AG
Part # BP-104-FAS
Download  BP-104-FAS Download
File Size   1441.38 Kbytes
Page   19 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Silicon PIN Photodiode with Daylight Blocking Filter

BP-104-FAS Datasheet (PDF)

Go To PDF Page Download Datasheet
BP-104-FAS Datasheet PDF - ams-OSRAM AG

Part # BP-104-FAS
Download  BP-104-FAS Click to download

File Size   1441.38 Kbytes
Page   19 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Silicon PIN Photodiode with Daylight Blocking Filter

BP-104-FAS Datasheet (HTML) - ams-OSRAM AG


BP-104-FAS Product details

Applications
- Access Control & Security
- Factory Automation
- Robotics
Features
- Package: black epoxy
- Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Especially suitable for applications from 730 nm to 1100 nm
- Short switching time (typ. 20 ns)
- Suitable for SMT





Similar Part No. - BP-104-FAS

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
BP-104-FAS OSRAM-BP-104-FAS Datasheet
397Kb / 14P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.3
BP-104-FASR OSRAM-BP-104-FASR Datasheet
395Kb / 13P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.3
logo
ams-OSRAM AG
BP-104-FASR AMSOSRAM-BP-104-FASR Datasheet
890Kb / 17P
Silicon PIN Photodiode with Daylight Blocking Filter
Version 1.3 2018-05-30
More results


Similar Description - BP-104-FAS

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH235FA OSRAM-SFH235FA Datasheet
239Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH205FA OSRAM-SFH205FA Datasheet
207Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH205F OSRAM-SFH205F_15 Datasheet
221Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
BPW34F OSRAM-BPW34F Datasheet
210Kb / 8P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH225FA OSRAM-SFH225FA Datasheet
156Kb / 10P
Silicon PIN Photodiode with Daylight Blocking Filter
BP-104-FAS OSRAM-BP-104-FAS Datasheet
397Kb / 14P
Silicon PIN Photodiode with Daylight Blocking Filter Version 1.3
SFH-205-F OSRAM-SFH-205-F Datasheet
221Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH-205-FA OSRAM-SFH-205-FA Datasheet
207Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH-235-FA OSRAM-SFH-235-FA Datasheet
239Kb / 9P
Silicon PIN Photodiode with Daylight Blocking Filter
SFH-225-FA OSRAM-SFH-225-FA Datasheet
156Kb / 10P
Silicon PIN Photodiode with Daylight Blocking Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com