Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPW-21 Datasheet (PDF) - ams-OSRAM AG

BPW-21 Datasheet PDF - ams-OSRAM AG
Part # BPW-21
Download  BPW-21 Download
File Size   1217.36 Kbytes
Page   13 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Silicon Photodiode for the Visible Spectral Range

BPW-21 Datasheet (PDF)

Go To PDF Page Download Datasheet
BPW-21 Datasheet PDF - ams-OSRAM AG

Part # BPW-21
Download  BPW-21 Click to download

File Size   1217.36 Kbytes
Page   13 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Silicon Photodiode for the Visible Spectral Range

BPW-21 Datasheet (HTML) - ams-OSRAM AG


BPW-21 Product details

Applications
- Factory Automation
Features
- Package: hermetically sealed
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)
- Especially suitable for applications from 350 nm to 820 nm
- Adapted to human eye sensitivity (Vλ)
- Package similar to TO-5





Similar Part No. - BPW-21

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
BPW-21 OSRAM-BPW-21 Datasheet
469Kb / 8P
Silicon Photodiode for the Visible Spectral Range Version 1.3
More results


Similar Description - BPW-21

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
BS520 SHARP-BS520 Datasheet
28Kb / 2P
Photodiode for Visible Light
logo
Siemens Semiconductor G...
BPW21 SIEMENS-BPW21 Datasheet
138Kb / 4P
Silicon Photodiode for the visible spectral range
logo
Sharp Corporation
BS500B SHARP-BS500B Datasheet
83Kb / 2P
PHOTODIODE FOR VISIBLE LIGHT
BS521 SHARP-BS521 Datasheet
101Kb / 2P
Photodiode for Visible Light
logo
API Delevan
SLSD-71N200 API-SLSD-71N200 Datasheet
137Kb / 2P
Visible to IR spectral irradiance range
SLSD-71N300 API-SLSD-71N300 Datasheet
141Kb / 2P
Visible to IR spectral irradiance range
SLSD-71N400 API-SLSD-71N400 Datasheet
115Kb / 2P
Visible to IR spectral irradiance range
SLSD-71N700 API-SLSD-71N700 Datasheet
140Kb / 2P
Visible to IR spectral irradiance range
logo
OSRAM GmbH
BPW21 OSRAM-BPW21 Datasheet
469Kb / 8P
Silicon Photodiode for the Visible Spectral Range
BPW-21 OSRAM-BPW-21 Datasheet
469Kb / 8P
Silicon Photodiode for the Visible Spectral Range Version 1.3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com