Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMV300 Datasheet (PDF) - ams-OSRAM AG

CMV300 Datasheet PDF - ams-OSRAM AG
Part # CMV300
Download  CMV300 Download
File Size   2142.57 Kbytes
Page   56 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description VGA resolution CMOS image sensor

CMV300 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMV300 Datasheet PDF - ams-OSRAM AG

Part # CMV300
Download  CMV300 Click to download

File Size   2142.57 Kbytes
Page   56 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description VGA resolution CMOS image sensor

CMV300 Datasheet (HTML) - ams-OSRAM AG


CMV300 Product details

1.1 OVERVIEW
The CMV300 is a high speed CMOS image sensor with 648 by 488 pixels (1/3 optical inch) developed for machine vision
applications. The image array consists of 7.4μm x 7.4μm pipelined global shutter pixels which allow exposure during
read out, while performing CDS operation. The image sensor has 4 8, 10 or 12 bit digital LVDS outputs (serial) or one 10
bit parallel CMOS output. The image sensor also integrates a programmable gain amplifier and offset regulation. Each
LVDS channel runs at 480 Mbps maximum which results in 480 fps frame rate at full resolution. Higher frame rates can
be achieved in row-windowing mode or row-subsampling mode. These modes are all programmable using the SPI
interface. All internal exposure and read out timings are generated by a programmable on-board sequencer. External
triggering and exposure programming is also possible. Extended optical dynamic range can be achieved by multiple
integrated high dynamic range modes.
1.2 FEATURES
 648 * 488 active pixels on a 7.4μm pitch
 8 Dark reference and dummy rows and columns
 Frame rate 480 frames/sec @ 640 * 480 resolution
 Row windowing capability
 X-Y mirroring function
 Master clock: 10-40MHz
 4 LVDS-outputs @ 480Mbit/s (480 fps) multiplexable to 2 (240fps) and 1 (120 fps) outputs
 One 10 bit parallel CMOS output running at maximum 40 MHz (120 fps)
 LVDS control line with frame and line information
 LVDS DDR output clock to sample data on the receiving end
 12 bit ADC output at maximum frame rate
 Multiple High Dynamic Range modes supported
 On chip temperature sensor
 On chip timing generation
 On chip black reference
 SPI-control
 Chip scale package ( 8 x 8 BGA pins)
 3.3V and 2.2V signaling
 Available in panchromatic and Bayer (RGB)




Similar Part No. - CMV300

ManufacturerPart #DatasheetDescription
logo
ams AG
CMV300 AMSCO-CMV300 Datasheet
1Mb / 56P
VGA resolution CMOS image sensor
More results


Similar Description - CMV300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICM105B ETC1-ICM105B Datasheet
1Mb / 17P
Color VGA CMOS Image Sensor
logo
STMicroelectronics
VV6501 STMICROELECTRONICS-VV6501 Datasheet
544Kb / 60P
VGA CMOS Color Image Sensor
Sep-2003
logo
Pixart Imaging Inc.
PAC407BCA PIXART-PAC407BCA Datasheet
494Kb / 24P
CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS302BCW-22S PIXART-PAS302BCW-22S Datasheet
241Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6329 PIXART-PAS6329 Datasheet
667Kb / 15P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
CMOS VGA DIGITAL IMAGE SENSOR
PAS6352 PIXART-PAS6352 Datasheet
313Kb / 16P
CMOS VGA IMAGE SENSOR
PAS6371 PIXART-PAS6371 Datasheet
414Kb / 20P
CMOS VGA DIGITAL IMAGE SENSOR
logo
ams AG
CMV300 AMSCO-CMV300 Datasheet
1Mb / 56P
VGA resolution CMOS image sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com