Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT-DBLP32-12 Datasheet (PDF) - ams-OSRAM AG

CT-DBLP32-12 Datasheet PDF - ams-OSRAM AG
Part # CT-DBLP32-12
Download  CT-DBLP32-12 Download
File Size   1678.0 Kbytes
Page   21 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description CT DBLP32.12

CT-DBLP32-12 Datasheet (PDF)

Go To PDF Page Download Datasheet
CT-DBLP32-12 Datasheet PDF - ams-OSRAM AG

Part # CT-DBLP32-12
Download  CT-DBLP32-12 Click to download

File Size   1678.0 Kbytes
Page   21 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description CT DBLP32.12

CT-DBLP32-12 Datasheet (HTML) - ams-OSRAM AG


CT-DBLP32-12 Product details

Applications
- Health Monitoring (Heart Rate Monitoring, Pulse
Oximetry)
Features
- Package: white SMT package
- Chip technology: InGaN
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λcentroid = 530 nm (● true green)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)





Similar Part No. - CT-DBLP32-12

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
CT-DBLP31-12 AMSOSRAM-CT-DBLP31-12 Datasheet
1Mb / 22P
CT DBLP31.12
Version 1.3 2021-03-29
More results


Similar Description - CT-DBLP32-12

ManufacturerPart #DatasheetDescription
logo
LEM
CT10-T LEM-CT10-T Datasheet
55Kb / 2P
Current Transducers CT 10-T
CT-5T LEM-CT-5T Datasheet
142Kb / 2P
CT-5T
logo
Nais(Matsushita Electri...
CT2-20 NAIS-CT2-20 Datasheet
249Kb / 4P
CT-2 CONNECTOR TERMINAL
logo
Sonardyne sound in dept...
7889 SONARDYNE-7889 Datasheet
102Kb / 2P
SIPS CT Sensor (Discontinued)
logo
Tyco Electronics
2-1375820-2 MACOM-2-1375820-2 Datasheet
99Kb / 1P
HOUSING, CT-100 11
292132-2 MACOM-292132-2 Datasheet
662Kb / 6P
AMP CT Connector Series
logo
TT Electronics.
DS3104 TTELEC-DS3104 Datasheet
313Kb / 1P
CT Ratio Infrared Thermometer
logo
Schneider Electric
A9MEM3200 SCHNEIDER-A9MEM3200 Datasheet
127Kb / 3P
iEM3200 energy meter - CT
May 21, 2020
logo
M-System Co.,Ltd.
CTM MSYSTEM-CTM Datasheet
65Kb / 1P
CT PROTECTOR
CTM2 MSYSTEM-CTM2 Datasheet
66Kb / 1P
CT PROTECTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com