Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUW-Y3SH-B1 Datasheet (PDF) - ams-OSRAM AG

CUW-Y3SH-B1 Datasheet PDF - ams-OSRAM AG
Part # CUW-Y3SH-B1
Download  CUW-Y3SH-B1 Download
File Size   1958.8 Kbytes
Page   27 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Micro SIDELED® 3806

CUW-Y3SH-B1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CUW-Y3SH-B1 Datasheet PDF - ams-OSRAM AG

Part # CUW-Y3SH-B1
Download  CUW-Y3SH-B1 Click to download

File Size   1958.8 Kbytes
Page   27 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Micro SIDELED® 3806

CUW-Y3SH-B1 Datasheet (HTML) - ams-OSRAM AG


CUW-Y3SH-B1 Product details

Applications
- TV, Monitor (Backlighting)
Features
- Package: white SMT package, colored diffused silicone resin
- Chip technology: InGaN on Sapphire
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.29, Cy = 0.275 acc. to CIE 1931 (● ultra white)
- Optical efficacy: 155 lm/W
- Corrosion Robustness Class: 1B
- ESD: 1 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM)





Similar Part No. - CUW-Y3SH-B1

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
CUW-Y3SH-B2 AMSOSRAM-CUW-Y3SH-B2 Datasheet
1Mb / 24P
Micro SIDELED® 3806
Version 1.2 2024-08-14
More results


Similar Description - CUW-Y3SH-B1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBY8SG OSRAM-LBY8SG Datasheet
611Kb / 21P
Micro SIDELED
LSY876 OSRAM-LSY876_14 Datasheet
501Kb / 20P
Micro SIDELED 3010
LTY87S OSRAM-LTY87S_17 Datasheet
590Kb / 21P
Micro SIDELED 3010
LYY8SF OSRAM-LYY8SF Datasheet
981Kb / 22P
Micro SIDELED
LWY1SG OSRAM-LWY1SG_15 Datasheet
551Kb / 22P
Micro SIDELED 2808
LYY876 OSRAM-LYY876 Datasheet
504Kb / 20P
Micro SIDELED 3010
logo
ams AG
LOA67B AMSCO-LOA67B Datasheet
1Mb / 23P
SIDELED®
Version 1.2 2019-07-16
LOA67K AMSCO-LOA67K Datasheet
1Mb / 23P
SIDELED® Ambient Lighting
Version 1.6 2022-09-01
LGA676 AMSCO-LGA676 Datasheet
1Mb / 21P
SIDELED®
Version 1.3 2019-07-16
LGA67K AMSCO-LGA67K Datasheet
1Mb / 24P
SIDELED®
Version 1.5 2022-08-04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com