Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

50109PI Datasheet (PDF) - Philex Electronic Ltd.

50109PI Datasheet PDF - Philex Electronic Ltd.
Part # 50109PI
Download  50109PI Download
File Size   873.4 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description RJ45 CAT 8 Ethernet Patch Lead

50109PI Datasheet (PDF)

Go To PDF Page Download Datasheet
50109PI Datasheet PDF - Philex Electronic Ltd.

Part # 50109PI
Download  50109PI Click to download

File Size   873.4 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description RJ45 CAT 8 Ethernet Patch Lead

50109PI Datasheet (HTML) - Philex Electronic Ltd.


50109PI Product details

Features
• Supports 2GHz bandwidth and
40Gbps high speed data transmission
• LSZH, 30AWG CAT8 cable
• Conforms to ANSI/TIA-568-C.2 and
ISO/IEC 11801 standard




Similar Part No. - 50109PI

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
501097 SENSORTECHNICS-501097 Datasheet
1Mb / 4P
16 element APD array
501098 SENSORTECHNICS-501098 Datasheet
1Mb / 4P
16 element APD array with NTC
501099 SENSORTECHNICS-501099 Datasheet
600Kb / 4P
8 element APD array with NTC
More results


Similar Description - 50109PI

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCSP-80050-Y-R ASSMANN-A-MCSP-80050-Y-R Datasheet
80Kb / 1P
CAT.5E FTP PATCH CABLE
A-MCSP-80100-G-R ASSMANN-A-MCSP-80100-G-R Datasheet
80Kb / 1P
CAT.5E FTP PATCH CABLE
A-MCSSP60005-B-R ASSMANN-A-MCSSP60005-B-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60005-G-R ASSMANN-A-MCSSP60005-G-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60010-B-R ASSMANN-A-MCSSP60010-B-R Datasheet
61Kb / 1P
CAT.6SFTP PATCH CABLE
A-MCSSP60030-G-R ASSMANN-A-MCSSP60030-G-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60050-R ASSMANN-A-MCSSP60050-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60070-B-R ASSMANN-A-MCSSP60070-B-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
logo
List of Unclassifed Man...
PS11001 ETC1-PS11001 Datasheet
254Kb / 3P
Patch Lead - CAT 5E
logo
WAGO Kontakttechnik Gmb...
756-1250-1023-050 WAGO-756-1250-1023-050 Datasheet
297Kb / 4P
ETHERNET cable; RJ45, axial locking; RJ45, axial locking; Cat. 6A; Length: 5 m
22.11.2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com