Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN54LVC541A Datasheet (PDF) - Texas Instruments

SN54LVC541A Datasheet PDF - Texas Instruments
Part # SN54LVC541A
Download  SN54LVC541A Download
File Size   2994.4 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs

SN54LVC541A Datasheet (PDF)

Go To PDF Page Download Datasheet
SN54LVC541A Datasheet PDF - Texas Instruments

Part # SN54LVC541A
Download  SN54LVC541A Click to download

File Size   2994.4 Kbytes
Page   46 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs

SN54LVC541A Datasheet (HTML) - Texas Instruments


SN54LVC541A Product details

1 Features
• Operates from 1.65V to 3.6V
• Inputs accept voltages to 5.5V
• Maximum tpd of 5.1ns at 3.3V
• Typical VOLP (output ground bounce) <0.8V at VCC = 3.3V, TA = 25°C
• Typical VOHV (output VOH undershoot) >2V at VCC = 3.3V, TA = 25°C
• Support mixed-mode signal operation on all ports (5V input/output voltage with 3.3V VCC)
• Ioff supports live insertion, partial-power-down mode, and back-drive protection
• Latch-up performance exceeds 100mA per JESD 78
• On products compliant to MIL-PRF-38535, all parameters are tested unless otherwise noted, on all other products, production processing does not necessarily include testing of all parameters




Similar Part No. - SN54LVC541A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVC541A TI-SN54LVC541A Datasheet
590Kb / 19P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUT
SN54LVC541A TI-SN54LVC541A Datasheet
802Kb / 21P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVC541A TI-SN54LVC541A Datasheet
830Kb / 23P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVC541A TI2-SN54LVC541A Datasheet
654Kb / 16P
OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED APRIL 2008
SN54LVC541A TI2-SN54LVC541A Datasheet
2Mb / 39P
SNx4LVC541A Octal Buffers/Drivers With 3-State Outputs
REVISED JUNE 2014
More results


Similar Description - SN54LVC541A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54F541 TI-SN54F541_06 Datasheet
461Kb / 13P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC541 TI-SN54AHC541_07 Datasheet
621Kb / 21P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABT540 TI-SN54ABT540_07 Datasheet
172Kb / 10P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHCT244 TI-SN74AHCT244_03 Datasheet
379Kb / 15P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV540A TI-SN74LV540A_07 Datasheet
487Kb / 19P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_07 Datasheet
645Kb / 16P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ACT241 TI-SN54ACT241_08 Datasheet
691Kb / 17P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT541 TI-SN54AHCT541_08 Datasheet
704Kb / 18P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74LV244A RENESAS-HD74LV244A Datasheet
83Kb / 10P
Octal Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54AHCT240 TI-SN54AHCT240_08 Datasheet
1Mb / 28P
OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com