Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2781 Datasheet (PDF) - Texas Instruments

TAS2781 Datasheet PDF - Texas Instruments
Part # TAS2781
Download  TAS2781 Download
File Size   2505.98 Kbytes
Page   90 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing

TAS2781 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS2781 Datasheet PDF - Texas Instruments

Part # TAS2781
Download  TAS2781 Click to download

File Size   2505.98 Kbytes
Page   90 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS2781 24-V Class-D Amplifier with Real Time Integrated Speaker Protection and Audio Processing

TAS2781 Datasheet (HTML) - Texas Instruments


TAS2781 Product details

1 Features
Key Features
• Integrated DSP for audio processing
• 24-V Supply for class-d output stage
• Y-Bridge multi-level supply architecture
• Hybrid-pro external boost control algorithm
• Ultrasonic output support up to 40 kHz
Output power:
• 25 W, 1% THD+N (4 Ω, 18 V)
• 30 W Maximum output power, 10% THD+N
Efficiency (1% THDN) and power consumption
• 82% at 1W, 4 Ω, PVDDH = 12 V, PVDDL = 3.8 V
• 83% at 1W, 8 Ω, PVDDH = 18 V, PVDDL = 5 V
• 84% at 1W, 4 Ω, PVDDH = 18 V, PVDDL = 5 V
• 90% at 15W, 4 Ω, PVDDH = 18 V, PVDDL = 5 V
• 93% at 15W , 8 Ω, PVDDH = 18 V, PVDDL = 5 V
• <0.5 μA in Hardware Shutdown Mode
Power supplies and management:
• AVDD: 1.8 V
• IOVDD: 1.8 V/ 3.3 V
• PVDDL: 2.7 V to 5.5 V
• PVDDH: 3 V to 24 V
Interfaces and Control:
• SDOUT for echo cancellation
• I2S/TDM: 8 channels of 32 bits up to 192 KSPS
• I2C with fast mode+ or SPI
• Inter-chip communication bus
• 16 kHz to 192 kHz sample rates
Advanced DSP audio processing:
• Real-time IV-sense for speaker protection
• Dynamic range compressor
• Brownout protection with power limiter
• Multi-channel balancing communication
Protection and EMI:
• Over power and low battery protection
• PVDDH/ PVDDL supply tracking limiters
• Thermal and over current protections
• Thermal foldback
• Post filter feedback and slew rate control




Similar Part No. - TAS2781

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2781 TI-TAS2781 Datasheet
2Mb / 84P
TAS2781 23-V Class D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
JULY 2022
More results


Similar Description - TAS2781

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3101 TI1-TLV320DAC3101 Datasheet
1Mb / 100P
Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
TLV320DAC3100 TI1-TLV320DAC3100_14 Datasheet
1Mb / 99P
Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3101 TI-TLV320DAC3101_15 Datasheet
1Mb / 100P
Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
TAS2781 TI-TAS2781 Datasheet
2Mb / 84P
TAS2781 23-V Class D Amplifier with Real Time Integrated Speaker Protection and Audio Processing
JULY 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com