Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT74-1 Datasheet (PDF) - STMicroelectronics

M74HCT74-1 Datasheet PDF - STMicroelectronics
Part # M74HCT74-1
Download  M74HCT74-1 Download
File Size   432.54 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR

M74HCT74-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HCT74-1 Datasheet PDF - STMicroelectronics

Part # M74HCT74-1
Download  M74HCT74-1 Click to download

File Size   432.54 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR

M74HCT74-1 Datasheet (HTML) - STMicroelectronics


M74HCT74-1 Product details

DESCRIPTION

The M74HCT74 is an high speed CMOS DUAL D TYPE FLIP FLOP WITH CLEAR fabricated with silicon gate C2MOS technology.



■ HIGH SPEED :

   fMAX = 48MHz (TYP.) at VCC = 4.5V

■ LOW POWER DISSIPATION:

   ICC =2µA(MAX.) at TA=25°C

■ COMPATIBLE WITH TTL OUTPUTS :

   VIH = 2V (MIN.) VIL = 0.8V (MAX)

■ BALANCED PROPAGATION DELAYS:

   tPLH = tPHL

■ SYMMETRICAL OUTPUT IMPEDANCE:

   |IOH| = IOL = 4mA (MIN)

■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 74



 




Similar Part No. - M74HCT74-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT74 STMICROELECTRONICS-M74HCT74 Datasheet
249Kb / 11P
DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
Feb-1993
M74HCT74B1R STMICROELECTRONICS-M74HCT74B1R Datasheet
249Kb / 11P
DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
Feb-1993
M74HCT74C1R STMICROELECTRONICS-M74HCT74C1R Datasheet
249Kb / 11P
DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
Feb-1993
M74HCT74M1R STMICROELECTRONICS-M74HCT74M1R Datasheet
249Kb / 11P
DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
Feb-1993
logo
Fairchild Semiconductor
M74HCT74MTC FAIRCHILD-M74HCT74MTC Datasheet
85Kb / 7P
Dual D-Type Flip-Flop with Preset and Clear
More results


Similar Description - M74HCT74-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
Mar-2000
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
24-Oct-1997
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
Dual D-Type Flip-Flop with Preset and Clear
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
16-Dec-2004
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
Dual D-Type Flip-Flop with Preset and Clear
logo
Fairchild Semiconductor
74VHC74 FAIRCHILD-74VHC74_08 Datasheet
304Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
74VHC74MTCX FAIRCHILD-74VHC74MTCX Datasheet
304Kb / 10P
Dual D-Type Flip-Flop with Preset and Clear
logo
ON Semiconductor
74VHC74 ONSEMI-74VHC74 Datasheet
465Kb / 6P
Dual D-Type Flip-Flop with Preset and Clear
August-2017, Rev. 2
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com