Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

50116PI Datasheet (PDF) - Philex Electronic Ltd.

50116PI Datasheet PDF - Philex Electronic Ltd.
Part # 50116PI
Download  50116PI Download
File Size   986.8 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description RJ45 Cat 6 Ethernet Patch Lead

50116PI Datasheet (PDF)

Go To PDF Page Download Datasheet
50116PI Datasheet PDF - Philex Electronic Ltd.

Part # 50116PI
Download  50116PI Click to download

File Size   986.8 Kbytes
Page   1 Pages
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.
Description RJ45 Cat 6 Ethernet Patch Lead

50116PI Datasheet (HTML) - Philex Electronic Ltd.


50116PI Product details

Features
• Supports 250MHz bandwidth and 1Gbps
high speed data transmission
• LSZH, 26AWG CAT6 cable
• Conforms to ANSI/TIA-568-C.2 and ISO/IEC
11801 standard




Similar Part No. - 50116PI

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
501162 SENSORTECHNICS-501162 Datasheet
414Kb / 2P
Circular active area APD chip with
More results


Similar Description - 50116PI

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-MCSSP60005-B-R ASSMANN-A-MCSSP60005-B-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60005-G-R ASSMANN-A-MCSSP60005-G-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60030-G-R ASSMANN-A-MCSSP60030-G-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60050-R ASSMANN-A-MCSSP60050-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60070-B-R ASSMANN-A-MCSSP60070-B-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60070-R ASSMANN-A-MCSSP60070-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60100-B-R ASSMANN-A-MCSSP60100-B-R Datasheet
67Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCSSP60200-R-R ASSMANN-A-MCSSP60200-R-R Datasheet
61Kb / 1P
CAT.6 SFTP PATCH CABLE
A-MCU60005-G-R ASSMANN-A-MCU60005-G-R Datasheet
59Kb / 1P
CAT.6 UTP PATCH CABLE
logo
List of Unclassifed Man...
PS11001 ETC1-PS11001 Datasheet
254Kb / 3P
Patch Lead - CAT 5E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com