Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJU72065VC3 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJU72065VC3 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJU72065VC3
Download  NJU72065VC3 Download
File Size   2051.37 Kbytes
Page   27 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 1.2W MONAURAL SPEAKER AMPLIFIER WITH ELECTRONIC VOLUME

NJU72065VC3 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJU72065VC3 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJU72065VC3
Download  NJU72065VC3 Click to download

File Size   2051.37 Kbytes
Page   27 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 1.2W MONAURAL SPEAKER AMPLIFIER WITH ELECTRONIC VOLUME

NJU72065VC3 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJU72065VC3 Product details

FEATURES
 Operating Voltage +2.7 to +5.5V
 Output Power 1.2W typ. (V+=5V, RL=8Ω, THD=1%)
500mW typ. (V+=3.3V, RL=8Ω, THD=1%)
 Volume 0 to -42dB/3dBstep, Mute
 I2C BUS Control
 Standby function
 Single-end Input / Differential Input
 Thermal Shutdown Circuit
 Pop Noise Suppression Circuit
 Current Limit
 CMOS Technology
 Package MSOP10(TVSP10), SSOP20-C3




Similar Part No. - NJU72065VC3

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
NJU72060 NISSHINBO-NJU72060 Datasheet
689Kb / 23P
Analog Signal Input Monaural, Filter Less 3.0W Class-D Amplifier
Ver.1.0
NJU72060 NISSHINBO-NJU72060 Datasheet
725Kb / 20P
Analog Signal Input Monaural, Filter Less 3.0W Class-D Amplifier
Ver.1.2E
NJU72060 NISSHINBO-NJU72060 Datasheet
2Mb / 33P
500mW MONAURAL SPEAKER AMPLIFIER
Ver.0.8
NJU72060GM1 NISSHINBO-NJU72060GM1 Datasheet
2Mb / 33P
500mW MONAURAL SPEAKER AMPLIFIER
Ver.0.8
NJU72060KV1 NISSHINBO-NJU72060KV1 Datasheet
2Mb / 33P
500mW MONAURAL SPEAKER AMPLIFIER
Ver.0.8
More results


Similar Description - NJU72065VC3

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4820M SANYO-LA4820M Datasheet
677Kb / 20P
Monaural Speaker/Stereo Headphone Power Amplifier
logo
New Japan Radio
NJW1109 NJRC-NJW1109 Datasheet
180Kb / 14P
Headphone Amplifier with Electronic Volume
NJM2777 NJRC-NJM2777 Datasheet
237Kb / 15P
Headphone Amplifier with Electronic Volume
logo
Rohm
BD5460GUL ROHM-BD5460GUL_10 Datasheet
469Kb / 17P
Analog Input Monaural Class-D Speaker Amplifier
BD7830NUV ROHM-BD7830NUV_1 Datasheet
425Kb / 18P
1.1W to1.5W Monaural Speaker Amplifier
BD5465GUL ROHM-BD5465GUL Datasheet
677Kb / 20P
Analog Input Monaural Class-D Speaker Amplifier
BD5466GUL ROHM-BD5466GUL Datasheet
691Kb / 20P
Analog Input Monaural Class-D Speaker Amplifier
BD5467GUL ROHM-BD5467GUL Datasheet
656Kb / 20P
Analog Input Monaural Class-D Speaker Amplifier
BD5469GUL ROHM-BD5469GUL Datasheet
1Mb / 26P
Analog Input Monaural Class-D Speaker Amplifier
BD783XXEFJ-M ROHM-BD783XXEFJ-M Datasheet
1Mb / 28P
1.2 W Monaural Speaker Amplifier for Automotive
19.Jul.2019 Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com