Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HCT75B1R Datasheet (PDF) - STMicroelectronics

M74HCT75B1R Datasheet PDF - STMicroelectronics
Part # M74HCT75B1R
Download  M74HCT75B1R Download
File Size   280.94 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 BIT D TYPE LATCH

M74HCT75B1R Datasheet (PDF)

Go To PDF Page Download Datasheet
M74HCT75B1R Datasheet PDF - STMicroelectronics

Part # M74HCT75B1R
Download  M74HCT75B1R Click to download

File Size   280.94 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 BIT D TYPE LATCH

M74HCT75B1R Datasheet (HTML) - STMicroelectronics


M74HCT75B1R Product details

DESCRIPTION

The M74HCT75 is an high speed CMOS 4 BIT D TYPE LATCH fabricated with silicon gate C2MOS technology.



■ HIGH SPEED :

   tPD = 21ns (TYP.) at VCC = 4.5V

■ LOW POWER DISSIPATION:

   ICC =2µA(MAX.) at TA=25°C

■ COMPATIBLE WITH TTL OUTPUTS :

   VIH = 2V (MIN.) VIL = 0.8V (MAX)

■ BALANCED PROPAGATION DELAYS:

   tPLH = tPHL

■ SYMMETRICAL OUTPUT IMPEDANCE:

   |IOH| = IOL = 4mA (MIN)

■ PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 75



 




Similar Part No. - M74HCT75B1R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HCT75B1R STMICROELECTRONICS-M74HCT75B1R Datasheet
239Kb / 9P
4 BIT D TYPE LATCH
Jan-1993
More results


Similar Description - M74HCT75B1R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS375 MOTOROLA-SN54LS375 Datasheet
163Kb / 5P
4-BIT D LATCH
SN54LS75 MOTOROLA-SN54LS75 Datasheet
98Kb / 4P
4-BIT D LATCH
logo
STMicroelectronics
M54HC75 STMICROELECTRONICS-M54HC75 Datasheet
238Kb / 9P
4 BIT D TYPE LATCH
01-Jun-2004
M54HC77 STMICROELECTRONICS-M54HC77 Datasheet
241Kb / 10P
4-BIT D-TYPE LATCH
Oct-1992
M54HCT75 STMICROELECTRONICS-M54HCT75 Datasheet
239Kb / 9P
4 BIT D TYPE LATCH
Jan-1993
M74HC75-1 STMICROELECTRONICS-M74HC75-1 Datasheet
268Kb / 10P
4 BIT D TYPE LATCH
Aug-2001
M74HC75 STMICROELECTRONICS-M74HC75 Datasheet
238Kb / 9P
4 BIT D TYPE LATCH
Dec-1992
M74HC77 STMICROELECTRONICS-M74HC77 Datasheet
241Kb / 10P
4-BIT D-TYPE LATCH
Aug-2001
M54HC75 STMICROELECTRONICS-M54HC75 Datasheet
250Kb / 10P
RAD HARD 4 BIT D TYPE LATCH
01-Jun-2004
logo
Toshiba Semiconductor
TC74HC375AP TOSHIBA-TC74HC375AP Datasheet
318Kb / 9P
4-Bit D Type Latch
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com