Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GR-DASPA1-23 Datasheet (PDF) - ams-OSRAM AG

GR-DASPA1-23 Datasheet PDF - ams-OSRAM AG
Part # GR-DASPA1-23
Download  GR-DASPA1-23 Download
File Size   1205.42 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description DURIS P 5

GR-DASPA1-23 Datasheet (PDF)

Go To PDF Page Download Datasheet
GR-DASPA1-23 Datasheet PDF - ams-OSRAM AG

Part # GR-DASPA1-23
Download  GR-DASPA1-23 Click to download

File Size   1205.42 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description DURIS P 5

GR-DASPA1-23 Datasheet (HTML) - ams-OSRAM AG


GR-DASPA1-23 Product details

Features:
• Package: SMT package
• Viewing angle at 50 % IV: 120°
• Color: 634 nm (red)
• Luminous Flux: typ. 16 lm
• Luminous efficacy: typ. 78 lm/W
Applications
• Architectural lighting
• Accent and effect lighting
• Room lighting: ceiling light, cove lighting,
chandeliers, pendants, sconces
• Channel letters
• Linear lights




Similar Part No. - GR-DASPA1-23

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GR-DASPA1.23 OSRAM-GR-DASPA1.23 Datasheet
566Kb / 22P
SMT package
More results


Similar Description - GR-DASPA1-23

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
1321029-10 QUALTEK-1321029-10 Datasheet
511Kb / 1P
DVI (245)P/M - DVI (24-5)P/M
logo
OSRAM GmbH
GWP7LP32.EM OSRAM-GWP7LP32.EM Datasheet
1Mb / 24P
DURIS S 10
GTDASPA1.13 OSRAM-GTDASPA1.13_18 Datasheet
1Mb / 22P
DURIS P 5
GWT3LTF1.EM OSRAM-GWT3LTF1.EM Datasheet
4Mb / 20P
DURIS L 38
GWJCLPS2.CM OSRAM-GWJCLPS2.CM Datasheet
2Mb / 24P
DURIS E 3
logo
PHOENIX CONTACT
2800004 PHOENIX-2800004 Datasheet
147Kb / 6P
UKK 5-MTK-P/P
2800017 PHOENIX-2800017 Datasheet
114Kb / 6P
UKK 5-MTKD-P/P
3004032 PHOENIX-3004032 Datasheet
129Kb / 6P
UK 5-MTK-P/P
3048292 PHOENIX-3048292 Datasheet
114Kb / 4P
UK 5-MTK-P/P RD
3101126 PHOENIX-3101126 Datasheet
157Kb / 6P
UDMTK 5-TWIN-P/P
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com