Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH850 Datasheet (PDF) - Renesas Technology Corp

RH850 Datasheet PDF - Renesas Technology Corp
Part # RH850
Download  RH850 Download
File Size   2706.16 Kbytes
Page   68 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas Microcontroller

RH850 Datasheet (PDF)

Go To PDF Page Download Datasheet
RH850 Datasheet PDF - Renesas Technology Corp

Part # RH850
Download  RH850 Click to download

File Size   2706.16 Kbytes
Page   68 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas Microcontroller

RH850 Datasheet (HTML) - Renesas Technology Corp


RH850 Product details

(1) High speed processing
The CPU of these products is the G3MH of the RH850 Family running at 320 or 240 MHz for high-speed processing.
These products incorporate ROM, RAM, DMA, various timers including timers for motor control, various serial interfaces including a CAN interface, and a 12-bit A/D converter (ADCC).

(2) Rich peripheral functionality
They also incorporate the set of peripheral functions, which are an R/D converter (RDC3A) that converts the signal
output by a resolver into digital values representing angles, and a motor control unit (EMU3) that is capable of operating in parallel with the CPU, is optimized for HEV and EV motor control.

(3) Two products
Two products, the one for controlling two motors and the other for controlling one motor, are available. The products are provided in 252-pin BGA (for two-motor control) and 176-pin QFP (for one-motor control) packages.

(4) Functional Safety support
This microcontroller includes several dedicated functionalities such as the memory protection with ECC on data and clock monitors to support the functional safety standard (ISO26262) required in the automotive applications.

(5) Security support
This microcontroller supports standard features for automotive security defined by the SHE (Secure Hardware Extension) standard. The Intelligent Cryptographic Unit -Slave(ICUSE) has some secure peripherals such a True Random Number Generator (TRNG).




Similar Part No. - RH850

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RH850 RENESAS-RH850 Datasheet
925Kb / 66P
RENESAS 32-Bit MCU
RH850 RENESAS-RH850 Datasheet
71Kb / 6P
E1 Emulator
RH850 RENESAS-RH850 Datasheet
70Kb / 1P
Self Programming Library
RH850 RENESAS-RH850 Datasheet
39Mb / 4535P
Renesas microcontroller
Rev.1.10
RH850 RENESAS-RH850 Datasheet
3Mb / 422P
Renesas microcontroller
Rev.1.00 Sep 15, 2023
More results


Similar Description - RH850

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
16C6N4 RENESAS-16C6N4 Datasheet
687Kb / 92P
Renesas MCU
R32C111 RENESAS-R32C111 Datasheet
974Kb / 84P
RENESAS MCU
R8C33C RENESAS-R8C33C Datasheet
528Kb / 56P
RENESAS MCU
R8C34C RENESAS-R8C34C Datasheet
539Kb / 57P
RENESAS MCU
R8C22 RENESAS-R8C22_08 Datasheet
485Kb / 54P
RENESAS MCU
R5F21368SNFP RENESAS-R5F21368SNFP Datasheet
502Kb / 61P
RENESAS MCU
R5F36506NFA RENESAS-R5F36506NFA_12 Datasheet
999Kb / 115P
RENESAS MCU
R5F64165NFD RENESAS-R5F64165NFD_13 Datasheet
740Kb / 99P
RENESAS MCU
RL78 RENESAS-RL78_13 Datasheet
296Kb / 31P
RENESAS MCU
RH850 RENESAS-RH850 Datasheet
39Mb / 4535P
Renesas microcontroller
Rev.1.10
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com