Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMDP1002 Datasheet (PDF) - Infinite Electronics International, Inc.

FMDP1002 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMDP1002
Download  FMDP1002 Download
File Size   643.77 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 75 Ohm Diplexer, 20 to 862 MHz Low Pass, 950 to 2300 MHz High Pass, Type F Female

FMDP1002 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMDP1002 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMDP1002
Download  FMDP1002 Click to download

File Size   643.77 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 75 Ohm Diplexer, 20 to 862 MHz Low Pass, 950 to 2300 MHz High Pass, Type F Female

FMDP1002 Datasheet (HTML) - Infinite Electronics International, Inc.


FMDP1002 Product details

Features
• Frequency range from
• 20 to 2300 MHz
• High pass band: 950
• to 2300 MHz
• Low pass band: 20 to 862 MHz
• Max insertion loss 2.6 dB
• 75ohm impedance
• Max VSWR 1.93:1
• Applications:
• Cable TV/Internet
• Signal Splitting
• Broadcast TV
• MSO
• FMDP1002
• DATA SHEET




Similar Part No. - FMDP1002

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMDP1003 FAIRVIEW-FMDP1003 Datasheet
638Kb / 3P
75 Ohm Diplexer, 5 to 1450 MHz Low Pass, 1550 to 2300 MHz High Pass, Type F Female
REV 1B
FMDP1004 FAIRVIEW-FMDP1004 Datasheet
640Kb / 3P
75 Ohm Diplexer, 5 to 1450 MHz Low Pass, 1650 to 2300 MHz High Pass, Type F Female
REV 1A
FMDP1005 FAIRVIEW-FMDP1005 Datasheet
634Kb / 3P
75 Ohm Diplexer, 5 to 68 MHz and 125 to 1000 MHz TV Band, 87 to 108 MHz FM Band, Type F Female
REV 1A
FMDP1006 FAIRVIEW-FMDP1006 Datasheet
638Kb / 3P
75 Ohm Diplexer, 5 to 42 MHz Low Pass, 54 to 1250 MHz High Pass, Type F Female
REV 1A
FMDP1007 FAIRVIEW-FMDP1007 Datasheet
638Kb / 3P
75 Ohm Diplexer, 5 to 204 MHz Low Pass, 258 to 1800 MHz High Pass, Type F Female
REV 1A
More results


Similar Description - FMDP1002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LFCN-6000 ETC-LFCN-6000 Datasheet
141Kb / 1P
Low Pass Filter DC to 6000 MHz
logo
Mini-Circuits
HFTC-19 MINI-HFTC-19 Datasheet
130Kb / 1P
Ceramic High Pass Filter 2300 to 5500 MHz
VLF-80 MINI-VLF-80 Datasheet
90Kb / 1P
Low Pass Filter DC to 80 MHz
VLF-225 MINI-VLF-225 Datasheet
89Kb / 1P
Low Pass Filter DC to 225 MHz
VLF-575 MINI-VLF-575 Datasheet
88Kb / 1P
Low Pass Filter DC to 575 MHz
VLF-800 MINI-VLF-800 Datasheet
89Kb / 1P
Low Pass Filter DC to 800 MHz
VLF-1525 MINI-VLF-1525 Datasheet
89Kb / 1P
Low Pass Filter DC to 1525 MHz
VLFX-950 MINI-VLFX-950 Datasheet
111Kb / 1P
Low Pass Filter DC to 950 MHz (40 dB Isolation up to 20 GHz)
VLP-SERIES MINI-VLP-SERIES Datasheet
80Kb / 2P
Low Pass Filters DC to 5400 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TL0017A TAI-SAW-TL0017A Datasheet
364Kb / 6P
LTCC Filter Low Pass 2450 MHz ,High Pass 5500 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com