Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT1004 Datasheet (PDF) - Infinite Electronics International, Inc.

FMMT1004 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMMT1004
Download  FMMT1004 Download
File Size   640.46 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Detector with SMA Female to SMA Female and Video Out Operating from 100 MHz to 12.4 GHz

FMMT1004 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT1004 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMMT1004
Download  FMMT1004 Click to download

File Size   640.46 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Detector with SMA Female to SMA Female and Video Out Operating from 100 MHz to 12.4 GHz

FMMT1004 Datasheet (HTML) - Infinite Electronics International, Inc.


FMMT1004 Product details

Features
• High Speed Finline Detector
• 100 MHz to 12.4 GHz
• Frequency Range
• Voltage Sensitivity 800 mV/mW
• SMA Female Connectors
• Applications:
• Electronic Warfare
• Test & Measurement
• System Monitoring
• AM Noise Measurments
• Military & Space
• Radar
• Pulsed RF Measurments in
• Ultra Broadband Applications
• Leveling Pulse Signal Sources
• Military Communications
• Systems




Similar Part No. - FMMT1004

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMT1004-P FAIRVIEW-FMMT1004-P Datasheet
685Kb / 6P
Biased Detector With SMA Male to SMA Female and Positive Video Out Operating From 4 GHz to 8 GHz
REV 1.1
FMMT10040 FAIRVIEW-FMMT10040 Datasheet
517Kb / 3P
Log Detector With SMA Female to SMA Female and Positive Video Out Operating From 10 MHz to 3 GHz
REV 1.0
More results


Similar Description - FMMT1004

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8002 PASTERNACK-PE8002 Datasheet
244Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 1 GHz to 2 GHz
PE8003 PASTERNACK-PE8003 Datasheet
242Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 2 GHz to 4 GHz
PE8004 PASTERNACK-PE8004 Datasheet
242Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 4 GHz to 8 GHz
PE8005 PASTERNACK-PE8005 Datasheet
243Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 6 GHz to 18 GHz
PE8006 PASTERNACK-PE8006 Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 12 GHz
PE8008 PASTERNACK-PE8008 Datasheet
243Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 18 GHz
PE8009-P PASTERNACK-PE8009-P Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 18 GHz to 26 GHz
PE8012 PASTERNACK-PE8012 Datasheet
249Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 12.4 GHz
PE8012P PASTERNACK-PE8012P Datasheet
250Kb / 3P
Zero Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 10 MHz to 12.4 GHz
PE8007 PASTERNACK-PE8007 Datasheet
243Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 16 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com