Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT1005 Datasheet (PDF) - Infinite Electronics International, Inc.

FMMT1005 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMMT1005
Download  FMMT1005 Download
File Size   591.53 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Detector with SMA Female to SMA Female and Video Out Operating from 100 MHz to 18 GHz

FMMT1005 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT1005 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMMT1005
Download  FMMT1005 Click to download

File Size   591.53 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description Detector with SMA Female to SMA Female and Video Out Operating from 100 MHz to 18 GHz

FMMT1005 Datasheet (HTML) - Infinite Electronics International, Inc.


FMMT1005 Product details

Features
• High Speed Finline Detector
• 100 MHz to 18 GHz
• Frequency Range
• Voltage Sensitivity 800 mV/mW
• SMA Female Connectors
• Applications:
• Electronic Warfare
• Test & Measurement
• System Monitoring
• AM Noise Measurments
• Military & Space
• Radar
• Pulsed RF Measurments in
• Ultra Broadband Applications
• Leveling Pulse Signal Sources
• Military Communications
• Systems




Similar Part No. - FMMT1005

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMT1001 FAIRVIEW-FMMT1001 Datasheet
731Kb / 6P
Biased Detector With SMA Male to SMA Female and Negative Video Out Operating From 500 MHz to 1,000 MHz
REV 1.0
FMMT1002 FAIRVIEW-FMMT1002 Datasheet
731Kb / 6P
Biased Detector With SMA Male to SMA Female and Negative Video Out Operating From 1 GHz to 2 GHz
REV 1.0
FMMT10024 FAIRVIEW-FMMT10024 Datasheet
540Kb / 3P
High Power Limiter, SMA, 100W Peak Power, 20 ns Recovery, 16 dBm Flat Leakage, 6 GHz to 18 GHz
REV 1.1
FMMT1003 FAIRVIEW-FMMT1003 Datasheet
685Kb / 6P
Biased Detector With SMA Male to SMA Female and Negative Video Out Operating From 2 GHz to 4 GHz
REV 1.1
FMMT1003-P FAIRVIEW-FMMT1003-P Datasheet
732Kb / 6P
Biased Detector With SMA Male to SMA Female and Positive Video Out Operating From 2 GHz to 4 GHz
REV 1.0
More results


Similar Description - FMMT1005

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8002 PASTERNACK-PE8002 Datasheet
244Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 1 GHz to 2 GHz
PE8003 PASTERNACK-PE8003 Datasheet
242Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 2 GHz to 4 GHz
PE8004 PASTERNACK-PE8004 Datasheet
242Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 4 GHz to 8 GHz
PE8005 PASTERNACK-PE8005 Datasheet
243Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 6 GHz to 18 GHz
PE8005-P PASTERNACK-PE8005-P Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 6 GHz to 18 GHz
PE8006 PASTERNACK-PE8006 Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 12 GHz
PE8008 PASTERNACK-PE8008 Datasheet
243Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 18 GHz
PE8008-P PASTERNACK-PE8008-P Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 8 GHz to 18 GHz
PE8009 PASTERNACK-PE8009 Datasheet
243Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 18 GHz to 26 GHz
PE8009-P PASTERNACK-PE8009-P Datasheet
245Kb / 3P
Biased Detector With 50 Ohm SMA Male to SMA Female Video Out Operating From 18 GHz to 26 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com