Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT3012 Datasheet (PDF) - Infinite Electronics International, Inc.

FMMT3012 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMMT3012
Download  FMMT3012 Download
File Size   614.45 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description WR-10 Waveguide Power Detector, W Band, 75 GHz to 110 GHz, Positive Output Voltage Polarity, UG- 387/U-M Flange

FMMT3012 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT3012 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMMT3012
Download  FMMT3012 Click to download

File Size   614.45 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description WR-10 Waveguide Power Detector, W Band, 75 GHz to 110 GHz, Positive Output Voltage Polarity, UG- 387/U-M Flange

FMMT3012 Datasheet (HTML) - Infinite Electronics International, Inc.


FMMT3012 Product details

Features
• Voltage Polarity. Impressive typical performacne includes Video Sensitivity of
• 800 mV/mW with +/- 2dB flatness, Input Dynamic Range of -55 dBm to +10
• dBm, and Detection Speed Rise Time of 5 nsec. Maximum input power handling
• is +17 dBm. The rugged and small size Brass package design is gold plated and
• supports a UG-387/U-M waveguide flange pattern at RF input and output ports.
• The DC output port uses an SMA Female connector. The module operates across
• a temperature range from 0°C to +50°C.
Features
• WR-10 Waveguide
• Power Detector
• 75 GHz to 110 GHz
• W Band
• Positive Output Voltage Polarity
• Voltage Sensitivity 800 mV/mW
• Sensitivity Flatness +/- 2dB typ
• Input Dynamic Range
• -55 dBm to +10 dBm
• Detection Speed Rise
• Time 5 nsec typ
• Max RF Input Power +17 dBm
• 50 Ohm Design
• RF Input and Output Waveguide
• Flange UG-387/U-M
• SMA Female DC Output Port
• Operational Temperature
• Range -0°C to +50°C
• Rugged and Compact Brass
• Gold Plated Package Design
• Applications:
• Test & Measurement
• Military & Commercial
• Communications
• Military Electronic Systems
• Research & Development




Similar Part No. - FMMT3012

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMMT3010 FAIRVIEW-FMMT3010 Datasheet
712Kb / 3P
WR-15 Waveguide Power Detector, V Band, 50 GHz to 75 GHz, Positive Output Voltage Polarity, UG- 385/U Flange
REV 1A
FMMT3011 FAIRVIEW-FMMT3011 Datasheet
711Kb / 3P
WR-12 Waveguide Power Detector, E Band, 60 GHz to 90 GHz, Positive Output Voltage Polarity, UG- 387/U Flange
REV 1A
More results


Similar Description - FMMT3012

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80T3000 PASTERNACK-PE80T3000 Datasheet
378Kb / 3P
Zero Biased W Band Waveguide Detector, WR-10, Negative Video Out, 75 GHz to 100 GHz, UG-387-U
PEWMT1000 PASTERNACK-PEWMT1000 Datasheet
513Kb / 3P
WR-10 Waveguide Magic Tee, UG-387/U-Mod Round Cover Flange Operating from 75 GHz to 110 GHz
PE-W10B001 PASTERNACK-PE-W10B001 Datasheet
341Kb / 3P
WR-10 Instrumentation Grade Waveguide E-Bend with UG-387/U-Mod Flange Operating from 75 GHz to 110 GHz
PE-W10B002 PASTERNACK-PE-W10B002 Datasheet
341Kb / 3P
WR-10 Instrumentation Grade Waveguide H-Bend with UG-387/U-Mod Flange Operating from 75 GHz to 110 GHz
PE-W10CA001 PASTERNACK-PE-W10CA001 Datasheet
403Kb / 4P
WR-10 UG-387/U-Mod Round Cover Flange to 1.0mm Female Waveguide to Coax Adapter Operating From 75 GHz to 110 GHz, W Band
PE-W10CA002 PASTERNACK-PE-W10CA002 Datasheet
406Kb / 4P
WR-10 UG-387/U-Mod Round Cover Flange to 1.0mm Male Waveguide to Coax Adapter Operating From 75 GHz to 110 GHz, W Band
PE-W10TW1001 PASTERNACK-PE-W10TW1001 Datasheet
404Kb / 3P
WR-10 90 Degree Waveguide Twist With a UG-387/U Mod Flange Operating From 75 GHz to 110 GHz
PE-W10TW1002 PASTERNACK-PE-W10TW1002 Datasheet
414Kb / 3P
WR-10 45 Degree Left-hand Waveguide Twist With a UG-387/U-Mod Flange Operating From 75 GHz to 110 GHz
PE-W10TW1003 PASTERNACK-PE-W10TW1003 Datasheet
412Kb / 3P
WR-10 45 Degree Right-hand Waveguide Twist With a UG-387/U-Mod Flange Operating From 75 GHz to 110 GHz
PEWAD5000 PASTERNACK-PEWAD5000 Datasheet
367Kb / 3P
WR-10 Waveguide Bulkhead Adapter UG-387/U-Mod Round Cover Flange, 75 GHz to 110 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com