Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJW1112 Datasheet (PDF) - Nisshinbo Micro Devices Inc.

NJW1112 Datasheet PDF - Nisshinbo Micro Devices Inc.
Part # NJW1112
Download  NJW1112 Download
File Size   287.35 Kbytes
Page   13 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 8-IN 4-OUT STEREO AUDIO SELECTOR

NJW1112 Datasheet (PDF)

Go To PDF Page Download Datasheet
NJW1112 Datasheet PDF - Nisshinbo Micro Devices Inc.

Part # NJW1112
Download  NJW1112 Click to download

File Size   287.35 Kbytes
Page   13 Pages
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.
Description 8-IN 4-OUT STEREO AUDIO SELECTOR

NJW1112 Datasheet (HTML) - Nisshinbo Micro Devices Inc.


NJW1112 Product details

FEATURES
• Operating Voltage ±4.5 to ±7.5V
• 8-Input, 4-Output Stereo Audio Selector
• Operating Current 14mA typ.
• Low On Resistance Output Switch On Resistance :15Ω typ.
• Low Distortion 0.0007% typ.
• Low Output Noise -119dBV typ.
• Low Crosstalk 120dB typ.
• Channel Separation 116dB typ.
• 3-Wired Serial Control
• Bi-CMOS Technology
• Package Outline SSOP32




Similar Part No. - NJW1112

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1112 NJRC-NJW1112 Datasheet
293Kb / 13P
8-IN 4-OUT STEREO AUDIO SELECTOR
NJW1112V NJRC-NJW1112V Datasheet
293Kb / 13P
8-IN 4-OUT STEREO AUDIO SELECTOR
More results


Similar Description - NJW1112

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2750 NJRC-NJM2750 Datasheet
158Kb / 7P
4 INPUT / 1 OUTPUT STEREO AUDIO SELECTOR
NJM2752 NJRC-NJM2752 Datasheet
154Kb / 9P
2-Input / 1-Output Stereo Audio Selector
NJM2753 NJRC-NJM2753 Datasheet
153Kb / 9P
3-Input / 1-Output Stereo Audio Selector
NJM2755 NJRC-NJM2755 Datasheet
154Kb / 9P
4-Input / 1-Output Stereo Audio Selector
NJW1110 NJRC-NJW1110 Datasheet
247Kb / 11P
9-Input 3-Output Stereo Audio Selector
NJW1111 NJRC-NJW1111 Datasheet
221Kb / 11P
9-Input 3-Output Stereo Audio Selector
NJW1112 NJRC-NJW1112 Datasheet
293Kb / 13P
8-IN 4-OUT STEREO AUDIO SELECTOR
logo
Unisonic Technologies
UM2750 UTC-UM2750 Datasheet
107Kb / 5P
4 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
UM2752 UTC-UM2752 Datasheet
153Kb / 5P
2 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
UM2750 UTC-UM2750_15 Datasheet
119Kb / 5P
4 INPUT/1 OUTPUT STEREO AUDIO SELECTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com