Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CS8PM1-PM Datasheet (PDF) - ams-OSRAM AG

GW-CS8PM1-PM Datasheet PDF - ams-OSRAM AG
Part # GW-CS8PM1-PM
Download  GW-CS8PM1-PM Download
File Size   2259.29 Kbytes
Page   26 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON™ SSL 80

GW-CS8PM1-PM Datasheet (PDF)

Go To PDF Page Download Datasheet
GW-CS8PM1-PM Datasheet PDF - ams-OSRAM AG

Part # GW-CS8PM1-PM
Download  GW-CS8PM1-PM Click to download

File Size   2259.29 Kbytes
Page   26 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON™ SSL 80

GW-CS8PM1-PM Datasheet (HTML) - ams-OSRAM AG


GW-CS8PM1-PM Product details

Applications
- Entertainment
- Indoor lighting
- Outdoor & industrial lighting
Features
- Package: SMT ceramic package with silicone lens
- Typ. Radiation: 80°
- Color temperature: 3000K - 6500K
- CRI: 70 (min.), 72 (typ.), R9: -40 (min.)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Luminous Flux: typ. 155 lm @ 5000 K, 85 °C
- Luminous efficacy: typ. 155 lm/W @ 5000 K, 85 °C





Similar Part No. - GW-CS8PM1-PM

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GW-CS8PM1-CM AMSOSRAM-GW-CS8PM1-CM Datasheet
2Mb / 25P
OSLON™ SSL 80
Version 1.10 2026-03-05
GW-CS8PM1-EM AMSOSRAM-GW-CS8PM1-EM Datasheet
2Mb / 26P
OSLON® SSL 80
Version 1.9 2023-07-20
More results


Similar Description - GW-CS8PM1-PM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GACS8PM1.23 OSRAM-GACS8PM1.23 Datasheet
1Mb / 22P
OSLON SSL 80
GHCSHPM1.24 OSRAM-GHCSHPM1.24 Datasheet
1Mb / 22P
OSLON SSL 150
LUWCR7P OSRAM-LUWCR7P_17 Datasheet
3Mb / 24P
OSLON SSL 80
GTCS8PM1.13 OSRAM-GTCS8PM1.13 Datasheet
1Mb / 22P
OSLON SSL 80
LUWCRDP OSRAM-LUWCRDP Datasheet
2Mb / 24P
OSLON SSL 150
GHCS8PM1.24 OSRAM-GHCS8PM1.24 Datasheet
1Mb / 22P
OSLON SSL 80
GFCSHPM2.24 OSRAM-GFCSHPM2.24 Datasheet
1Mb / 22P
OSLON SSL 150
GFCS8PM2.24 OSRAM-GFCS8PM2.24 Datasheet
1Mb / 22P
OSLON SSL 80
GDCSHPM1.14 OSRAM-GDCSHPM1.14 Datasheet
1Mb / 22P
OSLON SSL 150
GACSHPM1.23 OSRAM-GACSHPM1.23 Datasheet
1Mb / 22P
OSLON SSL 150
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com