Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1M-E Datasheet (PDF) - Renesas Technology Corp

P1M-E Datasheet PDF - Renesas Technology Corp
Part # P1M-E
Download  P1M-E Download
File Size   3289.94 Kbytes
Page   72 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas microcontroller

P1M-E Datasheet (PDF)

Go To PDF Page Download Datasheet
P1M-E Datasheet PDF - Renesas Technology Corp

Part # P1M-E
Download  P1M-E Click to download

File Size   3289.94 Kbytes
Page   72 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas microcontroller

P1M-E Datasheet (HTML) - Renesas Technology Corp


P1M-E Product details

This product is a 32-bit single-chip microcontroller with multiple CPUs, Code Flash, Data Flash,
RAM modules, DMA controllers, many communication interfaces that are used in the automotive
applications, A/D converters, timer units, etc.
The main features are as below.

(1) RH850 CPU
This product contains two RH850G3Ms: one operates as the master CPU for normal operation and
another as a checker CPU that monitors the operation of the master CPU. The two CPUs operate in
lock step mode.
The architecture of this dual-core CPU unit realizes the compact footprint of the programs by 2-byte basic instructions and high-level language compiler oriented instruction sets. This dual-core CPU unit has very quick interrupt response time so that it can support hard real-time applications.

(2) On-chip Code Flash and Data Flash
This chip has high-speed Code Flash from which the CPU can fetch the instructions and the constant data. Its capacity is up to 2MB. This Code Flash can be reprogrammed in the situation that the chip is mounted in the application systems.
This chip also has Data Flash with EEPROM emulation capability. Its capacity is up to 64KB.

(3) Rich peripheral functionality
The RH850/P1M-E incorporates standard communication controllers such as CAN, LIN, FlexRay, and
serial communications in addition to timers and A/D converters best suited for the automobile chassis applications. In addition, the RH850/P1M-E incorporates SENT and PSI5 communication controllers that can be used for sensor interface.

(4) Functional safety support
This chip equips several dedicated functionalities including the Lock-Step Dual Core configuration for the CPU, the memory protection with ECC, the bus protection with ECC, the peripheral module
protection, and voltage/clock monitors to support the functional safety standard (ASIL) required in the automotive applications.




Similar Part No. - P1M-E

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
P1M MEANWELL-P1M Datasheet
500Kb / 5P
6W AC-DC Reliable Green Medical Adaptor
2018-01-15
logo
IMO Precision Controls ...
P1M IMO-P1M Datasheet
558Kb / 2P
DOL Starters P1M
P1M/03/03
logo
Mean Well Enterprises C...
P1MR MEANWELL-P1MR Datasheet
500Kb / 5P
6W AC-DC Reliable Green Medical Adaptor
2018-01-15
logo
IMO Precision Controls ...
P1MR09 IMO-P1MR09 Datasheet
558Kb / 2P
DOL Starters P1M
P1M/03/03
P1MR16 IMO-P1MR16 Datasheet
558Kb / 2P
DOL Starters P1M
P1M/03/03
More results


Similar Description - P1M-E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
16C6N4 RENESAS-16C6N4 Datasheet
687Kb / 92P
Renesas MCU
R32C111 RENESAS-R32C111 Datasheet
974Kb / 84P
RENESAS MCU
R8C33C RENESAS-R8C33C Datasheet
528Kb / 56P
RENESAS MCU
R8C34C RENESAS-R8C34C Datasheet
539Kb / 57P
RENESAS MCU
R8C22 RENESAS-R8C22_08 Datasheet
485Kb / 54P
RENESAS MCU
R5F21368SNFP RENESAS-R5F21368SNFP Datasheet
502Kb / 61P
RENESAS MCU
R5F36506NFA RENESAS-R5F36506NFA_12 Datasheet
999Kb / 115P
RENESAS MCU
R5F64165NFD RENESAS-R5F64165NFD_13 Datasheet
740Kb / 99P
RENESAS MCU
RL78 RENESAS-RL78_13 Datasheet
296Kb / 31P
RENESAS MCU
RH850 RENESAS-RH850 Datasheet
39Mb / 4535P
Renesas microcontroller
Rev.1.10
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com