Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH850/U2A Datasheet (PDF) - Renesas Technology Corp

RH850/U2A Datasheet PDF - Renesas Technology Corp
Part # RH850/U2A
Download  RH850/U2A Download
File Size   4488.91 Kbytes
Page   182 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas microcontroller

RH850/U2A Datasheet (PDF)

Go To PDF Page Download Datasheet
RH850/U2A Datasheet PDF - Renesas Technology Corp

Part # RH850/U2A
Download  RH850/U2A Click to download

File Size   4488.91 Kbytes
Page   182 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Renesas microcontroller

RH850/U2A Datasheet (HTML) - Renesas Technology Corp


RH850/U2A Product details

This product is a 32-bit single-chip microcontroller that incorporates multiple CPUs of the RH850 Series, code flash, data flash, RAM, DMA controllers, high-speed communication interfaces including CAN, FlexRay, Ethernet, RHSIF, LIN, SENT, PSI5S, PSI5, peripheral functions including A/D converters, timer units and many communication interfaces that are used in the automotive applications. This product also conforms to the Automotive Safety Integrity Level (ASIL) that is highly demanded in the recent automotive field (ASIL D level).

(1) Includes multiple RH850 cores
This product contains multi RH850G4MH2 cores (each CPU is referred to as CPU0 to CPU3 (U2A8, U2A6: CPU0 to CPU1) hereafter). Each CPU supports RISC-type instruction sets and have significantly improved the instruction execution speed with basic instructions (one clock cycle per instruction) and the optimized 10-stage pipeline configurations. Furthermore, this product also supports multiplication instructions using a 32-bit hardware multiplier,
saturated product-sum operation instructions, and bit manipulation instructions as instructions best suited for various fields. In addition, this product also support CPU virtualization function.
Two-byte basic instructions and high-level language instructions improve object code efficiency for the C compiler and reduce the program size. Furthermore, this product is suited for advanced real-time control applications by offering a high-speed response time including the processing time of the on-chip interrupt controller.

(2) On-chip code flash and data flash
This product incorporates a 16-MB (U2A8: 8MB, U2A6: 6MB) code flash allowing high-speed accesses, which enables each CPU to access this flash memory efficiently. This memory can be reprogrammed while it is placed on an application system. This can shorten the system development period and significantly improve the serviceability after the system is delivered.
This product also has a 576-KB (U2A8: 320-KB, U2A6: 256-KB) data flash that is available for storing EEPROM data.




Similar Part No. - RH850/U2A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RH850/U2B RENESAS-RH850/U2B Datasheet
11Mb / 206P
Renesas microcontroller
Rev.1.00 Mar.31.2025
RH850/U2B6 RENESAS-RH850/U2B6 Datasheet
11Mb / 206P
Renesas microcontroller
Rev.1.00 Mar.31.2025
More results


Similar Description - RH850/U2A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
16C6N4 RENESAS-16C6N4 Datasheet
687Kb / 92P
Renesas MCU
R32C111 RENESAS-R32C111 Datasheet
974Kb / 84P
RENESAS MCU
R8C33C RENESAS-R8C33C Datasheet
528Kb / 56P
RENESAS MCU
R8C34C RENESAS-R8C34C Datasheet
539Kb / 57P
RENESAS MCU
R8C22 RENESAS-R8C22_08 Datasheet
485Kb / 54P
RENESAS MCU
R5F21368SNFP RENESAS-R5F21368SNFP Datasheet
502Kb / 61P
RENESAS MCU
R5F36506NFA RENESAS-R5F36506NFA_12 Datasheet
999Kb / 115P
RENESAS MCU
R5F64165NFD RENESAS-R5F64165NFD_13 Datasheet
740Kb / 99P
RENESAS MCU
RL78 RENESAS-RL78_13 Datasheet
296Kb / 31P
RENESAS MCU
RH850 RENESAS-RH850 Datasheet
39Mb / 4535P
Renesas microcontroller
Rev.1.10
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com