Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10DMFCLFB Datasheet (PDF) - Renesas Technology Corp

R5F10DMFCLFB Datasheet PDF - Renesas Technology Corp
Part # R5F10DMFCLFB
Download  R5F10DMFCLFB Download
File Size   1371.58 Kbytes
Page   139 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RENESAS MCU

R5F10DMFCLFB Datasheet (PDF)

Go To PDF Page Download Datasheet
R5F10DMFCLFB Datasheet PDF - Renesas Technology Corp

Part # R5F10DMFCLFB
Download  R5F10DMFCLFB Click to download

File Size   1371.58 Kbytes
Page   139 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description RENESAS MCU

R5F10DMFCLFB Datasheet (HTML) - Renesas Technology Corp


R5F10DMFCLFB Product details

1.1 Features
 Minimum instruction execution time can be changed
from high speed (0.03125 μs: @ 32 MHz operation with
high-speed on-chip oscillator clock) to ultra low-speed
(30.5 μs: @ 32.768 kHz operation with subsystem clock)
 General-purpose register: 8 bits × 32 registers (8 bits × 8 registers × 4 banks)
 ROM: 24 to 512 KB
 RAM: 2 to 24 KB
 Data flash memory: 8 KB
 On-chip high-speed on-chip oscillator clocks
Select from 32 MHz (TYP.), 24 MHz (TYP.), 16 MHz
(TYP.), 8 MHz (TYP.), and 4 MHz (TYP.)
 On-chip single-power-supply flash memory (with
prohibition of block erase/writing function)
 Self-programming (with boot swap function/flash shield
window function)
 On-chip debug function
 On-chip power-on-reset (POR) circuit and voltage detector (LVD)
 On-chip watchdog timer (operable with the dedicated
low-speed on-chip oscillator clock)
 On-chip multiplier and divider/multiply-accumulator
16 bits × 16 bits = 32 bits (Unsigned or signed)
32 bits ÷ 32 bits = 32 bits (Unsigned)
16 bits × 16 bits + 32 bits = 32 bits (Unsigned or signed)
 On-chip clock output/buzzer output controller
 On-chip BCD adjustment
I/O ports: 38 to 112




Similar Part No. - R5F10DMFCLFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F10DMF RENESAS-R5F10DMF Datasheet
153Kb / 17P
PG-FP5
More results


Similar Description - R5F10DMFCLFB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
32C8B RENESAS-32C8B Datasheet
1Mb / 69P
RENESAS MCU
R32C118A RENESAS-R32C118A_15 Datasheet
940Kb / 132P
RENESAS MCU
RL78 RENESAS-RL78_15 Datasheet
1Mb / 153P
RENESAS MCU
RL78G1G RENESAS-RL78G1G_15 Datasheet
775Kb / 70P
RENESAS MCU
R32C151 RENESAS-R32C151_15 Datasheet
774Kb / 122P
RENESAS MCU
R8C33C RENESAS-R8C33C_15 Datasheet
528Kb / 56P
RENESAS MCU
R8C36W RENESAS-R8C36W_15 Datasheet
631Kb / 71P
RENESAS MCU
M16C5LD RENESAS-M16C5LD_15 Datasheet
673Kb / 88P
RENESAS MCU
R8C3GM RENESAS-R8C3GM_15 Datasheet
530Kb / 56P
RENESAS MCU
R8C3JM RENESAS-R8C3JM_15 Datasheet
543Kb / 57P
RENESAS MCU
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com