Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS358SF Datasheet (PDF) - Globaltech Semiconductor Co.,Ltd

GS358SF Datasheet PDF - Globaltech Semiconductor Co.,Ltd
Part # GS358SF
Download  GS358SF Download
File Size   1418.63 Kbytes
Page   8 Pages
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd
Description Dual Operational Amplifiers

GS358SF Datasheet (PDF)

Go To PDF Page Download Datasheet
GS358SF Datasheet PDF - Globaltech Semiconductor Co.,Ltd

Part # GS358SF
Download  GS358SF Click to download

File Size   1418.63 Kbytes
Page   8 Pages
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd
Description Dual Operational Amplifiers

GS358SF Datasheet (HTML) - Globaltech Semiconductor Co.,Ltd


GS358SF Product details

Product Description
The GS358 consists of two independent, high gain,
internally frequency compensated operational
amplifiers which were designed specifically to
operate from a single power supply over a wide
range of voltages.
Operation from split power supplies is also possible
and the low power supply current drains in
independent of the magnitude of the power supply
voltage.
Application areas include transducer amplifiers, dc
gain blocks and all the conventional op amp
circuits, which now can be more easily
implemented in single power supply systems. For
example, the GS358 can be directly operated off of
the standard +5V power supply voltage which is
used in digital systems and will easily provide the
required interface electronics without requiring the
additional ±15V power supplies.
Features
◼ Wide range of supply voltages 3V to 32V
◼ Low supply current drain independent of
supply
◼ Supply Current 0.5mA (TYP.)
◼ Low input biasing current
◼ Low input offset voltage and offset current
◼ Input common-mode voltage range includes
◼ ground
◼ Differential input voltage range equal to the
◼ power supply voltage
◼ DC voltage gain: 100V/mV TYP.
◼ Internally frequency compensation
◼ RoHS Compliant, 100%Pb & Halogen Free
◼ ESD Protection(2KV) between V+/V- and
GND
Applications
◼ Eliminates the need for dual supplies
◼ Compatible with all forms of logic
◼ Two internally compensated op amps
◼ Low power drains ideal for battery operation
◼ Allows direct sensing near GND
◼ VOUT can swing to GND




Similar Part No. - GS358SF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GS35 ETC2-GS35 Datasheet
163Kb / 2P
Gold Seal Series Public Address Amplifiers
logo
MTU Onsite Energy Corpo...
GS350-6S MTU-GS350-6S Datasheet
496Kb / 4P
GAS GENERATOR SET
logo
Mallory performance clu...
GS356 MALLORY-GS356 Datasheet
37Kb / 3P
Disc Ceramic Capacitors
logo
Semtech Corporation
GS3590 SEMTECH-GS3590 Datasheet
4Mb / 118P
Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS3590-INE3 SEMTECH-GS3590-INE3 Datasheet
4Mb / 118P
Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
More results


Similar Description - GS358SF

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
Dual Operational Amplifiers
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
Dual Operational Amplifiers
logo
Texas Instruments
LM2904DE4 TI1-LM2904DE4 Datasheet
1Mb / 30P
DUAL OPERATIONAL AMPLIFIERS
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
DUAL OPERATIONAL AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com