Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS2710DA8F Datasheet (PDF) - Globaltech Semiconductor Co.,Ltd

GS2710DA8F Datasheet PDF - Globaltech Semiconductor Co.,Ltd
Part # GS2710DA8F
Download  GS2710DA8F Download
File Size   1627.62 Kbytes
Page   15 Pages
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd
Description 70V Low-Power CMOS LDO

GS2710DA8F Datasheet (PDF)

Go To PDF Page Download Datasheet
GS2710DA8F Datasheet PDF - Globaltech Semiconductor Co.,Ltd

Part # GS2710DA8F
Download  GS2710DA8F Click to download

File Size   1627.62 Kbytes
Page   15 Pages
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd
Description 70V Low-Power CMOS LDO

GS2710DA8F Datasheet (HTML) - Globaltech Semiconductor Co.,Ltd


GS2710DA8F Product details

Product Description
The GS2710 series is a group 70V high accuracy
LDO regulator. The 3.0μA power consumption
makes it ideal for most HV power-saving systems.
The maximum operating voltage can be as high as
70V. The GS2710 can deliver 100mA output
current.
The other features include the current limiting
protection, short circuit protection and thermal
shutdown protection.
The GS2710 is available in PSOP-8,
DFN2x2-6L(A), SOT89-3L and TO-252-2L
packages.
Features
◼ Low Power Consumption: 3.0μA
◼ Operating Voltage Range: from 3.5V to 70V
◼ Output Voltage Range: from 1.5V to 18V
◼ Output Current: 100mA
◼ Output Accuracy: ±1.0%
◼ High PSRR: 80dB@1kHz
◼ ESD Rating(HBM): ±2KV
◼ Low Temperature Coefficient
◼ Built-in Current Limiting, Short-Circuit and
Over-Temperature Protection
◼ RoHS Compliant and Halogen Free
Applications
◼ Battery Supplied Systems
◼ Telecom Systems
◼ Portable Audio & Video Equipment
◼ Ultra-Low Power Microcontroller




Similar Part No. - GS2710DA8F

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
GS272 MALLORY-GS272 Datasheet
37Kb / 3P
Disc Ceramic Capacitors
More results


Similar Description - GS2710DA8F

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
ST6205 STANSON-ST6205 Datasheet
296Kb / 8P
Low ESR Low Power High-Speed CMOS LDO
logo
Leshan Radio Company
LR7530 LRC-LR7530 Datasheet
209Kb / 9P
100mA CMOS Low Power LDO Low power consumption
logo
Orister Corporation
RS7100 ORISTER-RS7100 Datasheet
1Mb / 12P
Low Power 300mA CMOS LDO
logo
Guangdong Kexin Industr...
WL2805N KEXIN-WL2805N Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
WL2805N-HF KEXIN-WL2805N-HF Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
WL2805N-HF-3 KEXIN-WL2805N-HF-3 Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
logo
Seaward Electronics Inc...
SE5509 SEAWARD-SE5509_12 Datasheet
207Kb / 7P
Low Power Low Noise LDO CMOS Voltage Regulator
logo
Will Semiconductor Ltd.
WL2805 WILLSEMI-WL2805 Datasheet
1Mb / 9P
Low power consumption, CMOS LDO
WL2815 WILLSEMI-WL2815 Datasheet
889Kb / 9P
Low power consumption, CMOS LDO
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com