Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSM82810 Datasheet (PDF) - Texas Instruments

TPSM82810 Datasheet PDF - Texas Instruments
Part # TPSM82810
Download  TPSM82810 Download
File Size   2138.21 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package

TPSM82810 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSM82810 Datasheet PDF - Texas Instruments

Part # TPSM82810
Download  TPSM82810 Click to download

File Size   2138.21 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPSM8281x 2.75V to 6V Input, 1A to 4A Step-Down Power Modules With Integrated Inductor and Frequency Synchronization in MicroSiP™ and MagPack™ Package

TPSM82810 Datasheet (HTML) - Texas Instruments


TPSM82810 Product details

1 Features
• Adjustable and synchronizable switching frequency of 1.8MHz to 4MHz
• Two package types available
– MagPack package (shields inductor and IC) 13-pin, < 2.0mm tall
– μSIL 14-pin, < 2.4mm tall
• Optimized for low EMI requirements
– Flip-chip die mount (no bond wires)
– Simplified layout through optimized pinout
• Spread spectrum clocking versions available
• Selectable forced PWM or PFM/PWM operation
• Output voltage accuracy ±1% (PWM operation)
• 2.75V to 6V input voltage range
• 0.6V to 5.5V output voltage range
• Adjustable soft start or tracking
• Power-good output with window comparator
• Precise ENABLE input allows
– User-defined undervoltage lockout
– Exact sequencing
• 100% duty cycle
• Output discharge
• 15μA typical quiescent current
• Excellent thermal performance
• –40°C to 125°C operating temperature range
• Pin-to-pin 6A version, 1.6mm tall: TPSM82816
• Create a custom design using the TPSM8281x with the WEBENCH® Power Designer




Similar Part No. - TPSM82810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM82810 TI1-TPSM82810 Datasheet
2Mb / 38P
TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI1-TPSM82810 Datasheet
2Mb / 38P
TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI1-TPSM82810 Datasheet
2Mb / 39P
TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI-TPSM82810 Datasheet
2Mb / 39P
TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI1-TPSM82810 Datasheet
2Mb / 35P
TPSM8281x 2.75V to 6V Input, 4A and 3A Step-Down Power Module With Integrated Inductor and Frequency Synchronization in QFN and MagPack™ Package
JULY 2024
More results


Similar Description - TPSM82810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM82810 TI1-TPSM82810 Datasheet
2Mb / 38P
TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI1-TPSM82810_V01 Datasheet
2Mb / 38P
TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI1-TPSM82810_V02 Datasheet
2Mb / 39P
TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82810 TI-TPSM82810_V03 Datasheet
2Mb / 39P
TPSM8281x 2.75-V to 6-V Adjustable-Frequency Step-Down Converter with Integrated Inductor
TPSM82816 TI-TPSM82816 Datasheet
1Mb / 30P
TPSM82816 2.7-V to 6-V Input 6-A Step-Down MicroSiP™ Power Module with Integrated Inductor and Frequency Synchronization
DECEMBER 2022
TPSM843320 TI-TPSM843320 Datasheet
1Mb / 39P
TPSM843320 4-V to 18-V Input, 3-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
OCTOBER 2023
TPSM843620 TI-TPSM843620 Datasheet
1Mb / 39P
TPSM843620 4-V to 18-V Input, 6-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
OCTOBER 2023
TPSM843820 TI-TPSM843820 Datasheet
1Mb / 39P
TPSM843820 4-V to 18-V Input, 8-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
OCTOBER 2023
TPSM843320 TI1-TPSM843320_V01 Datasheet
1Mb / 41P
TPSM843320 4-V to 18-V Input, 3-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
REVISED DECEMBER 2023
TPSM843820 TI1-TPSM843820_V01 Datasheet
1Mb / 41P
TPSM843820 4-V to 18-V Input, 8-A Synchronous SWIFT™ Step-Down Converter MicroSiP™ Power Module With Integrated Inductor and Internally Compensated Advanced Current Mode Control
REVISED DECEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com